Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4586 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4586
Description  Serially Controlled, 4-Channel Serially Controlled, 4-Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4586 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4586 Datasheet HTML 4Page - Maxim Integrated Products MAX4586 Datasheet HTML 5Page - Maxim Integrated Products MAX4586 Datasheet HTML 6Page - Maxim Integrated Products MAX4586 Datasheet HTML 7Page - Maxim Integrated Products MAX4586 Datasheet HTML 8Page - Maxim Integrated Products MAX4586 Datasheet HTML 9Page - Maxim Integrated Products MAX4586 Datasheet HTML 10Page - Maxim Integrated Products MAX4586 Datasheet HTML 11Page - Maxim Integrated Products MAX4586 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Detailed Description
The MAX4586/MAX4587 are serial-interface, programma-
ble multiplexers. Each device contains a 4-to-1 normally
open (NO) multiplexer. Each switch is independently con-
trolled through the on-chip serial interface. The MAX4586
uses a 2-wire, I2C-compatible serial communications
protocol, and the MAX4587 uses a 3-wire, SPI/QSPI/
MICROWIRE-compatible serial communications protocol.
These devices operate from a single +2.7V to +5.5V
supply and are optimized for use with an audio fre-
quency at 20kHz and video frequencies up to 10MHz.
They feature 65
Ω on-resistance, 4Ω on-resistance
matching between channels, and 5
Ω on-resistance flat-
ness. Audio off-isolation is -83dB at 20kHz and
crosstalk is at least -84dB at 20kHz, while video off-iso-
lation is -48dB at 10MHz and crosstalk is at least -60dB
at 10MHz.
Applications Information
Multiplexer Control
The MAX4586/MAX4587 have a common command-bit
structure; the only difference between them is the inter-
face type (2-wire or 3-wire, respectively).
The command controls the open/closed states of the
various switches. Table 1 shows the configuration of
the data bits and their related switches. After a com-
mand is issued, a logic “1” in any data-bit location clos-
es the associated switch, while a logic “0” opens it
(Table 2).
2-Wire Serial Interface
The MAX4586 uses a 2-wire, I2C-compatible serial
interface. The COM_ register uses the “SendByte” pro-
tocol that consists of an address byte followed by a
command byte (Table 1).
To address a given chip, the A bit in the address byte
must duplicate the value present at the A pin of that chip.
The rest of the address bits must match those shown in
Table 3. The command byte details are described in the
Switch Control section.
The 2-wire serial interface requires only two I/O lines of
a standard microprocessor (µP) port. Figures 1 and 2
detail the timing diagram for signals on the 2-wire bus,
and Tables 1 and 3 detail the format of the signals. The
MAX4586 is a receive-only device and must be con-
trolled by the bus master device. A bus master device
communicates by transmitting the address byte of the
slave device over the bus and then transmitting the
desired information. Each transmission consists of a
start condition, an address byte, a command byte, and
finally a stop condition. The slave device acknowledges
the recognition of its address by pulling the SDA line
low for one clock period after the address byte is trans-
mitted. The slave device also issues a similar acknowl-
edgment after the command byte.
Serially Controlled, 4-Channel
Audio/Video Multiplexers
8
_______________________________________________________________________________________
Pin Description
9
8
9
7
7
5
4
4
8
6
3
2
1
NO3
NO2
6
SCLK
5
V+
COM
1
SDA
GND
NO1
SCL
DIN
3
CS
A
2
Mux Normally Open Output 3
Mux Normally Open Output 2
Clock Input of the 3-Wire Serial Interface
Supply Voltage
Analog Switch Common Terminal
Data Input of 2-Wire Serial Interface
Ground
Mux Normally Open Output 1
Clock Input of the 2-Wire Serial Interface
Data Input of 3-Wire Serial Interface
Chip Select of the 3-Wire Serial Interface
LSB + 2 of the 2-Wire Serial-Interface Address Field
10
10
NO4
Mux Normally Open Output 4
MAX4587
MAX4586
PIN
NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com