Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4586 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4586
Description  Serially Controlled, 4-Channel Serially Controlled, 4-Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4586 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4586 Datasheet HTML 4Page - Maxim Integrated Products MAX4586 Datasheet HTML 5Page - Maxim Integrated Products MAX4586 Datasheet HTML 6Page - Maxim Integrated Products MAX4586 Datasheet HTML 7Page - Maxim Integrated Products MAX4586 Datasheet HTML 8Page - Maxim Integrated Products MAX4586 Datasheet HTML 9Page - Maxim Integrated Products MAX4586 Datasheet HTML 10Page - Maxim Integrated Products MAX4586 Datasheet HTML 11Page - Maxim Integrated Products MAX4586 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Start and Stop Conditions
The bus master signals the beginning of a transmission
with a start condition by transitioning SDA from high to
low while SCL is high. When the bus master has fin-
ished communicating with the slave device, it issues a
stop condition by transitioning SDA from low to high
while SCL is high. The bus master is then free for
another transmission.
Slave Address (Address Byte)
The MAX4586 uses an 8-bit-long slave address. To
select a slave address, connect A to V+ or GND. The
MAX4586 has two possible slave addresses, so a maxi-
mum of two of these devices may share the same
address line. The slave device MAX4586 monitors the
serial bus continuously, waiting for a start condition fol-
lowed by an address byte. When a slave device recog-
Serially Controlled, 4-Channel
Audio/Video Multiplexers
_______________________________________________________________________________________
9
SCL
SDA
tLOW
tHIGH
tF
tR
tHD, STA
tHD, DAT
tHD, STA
tSU, DAT
tSU, STA
tBUF
tSU, STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
70%
20%
70%
70%
70%
Figure 1. 2-Wire Serial-Interface Timing Diagram
Table 1. Command-Bit Mapping
Table 3. Address Bit Map
Table 2. Truth Table
x
x
D4
x
x
D5
x
x
D6
x
x
D7 (MSB)
POWER-UP
STATE
TERMINALS
SWITCH
COMMAND
BIT
0 (Open)
6, 1
NO1 to COM
D0 (LSB)
0 (Open)
7, 1
NO2 to COM
D1
0 (Open)
9, 1
NO3 to COM
D2
0 (Open)
10, 1
NO4 to COM
D3
CLOSED
1
OPEN
0
NO_ SWITCH
LOGIC
0110 1110
1
0110 1010
0
ADDRESS
ADDRESS BIT (A)
START CONDITION
STOP CONDITION
COMMAND BYTE
SLAVE ADDRESS BYTE
SCL
SDA
MSB
MSB
LSB
LSB
ACK
ACK
Figure 2. Complete 2-Wire Serial-Interface Transmission
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com