Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212BCSNFP Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F212BCSNFP
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFP Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F212BCSNFP Datasheet HTML 33Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 34Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 35Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 36Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 37Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 38Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 39Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 40Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
R8C/2A Group, R8C/2B Group
5. Electrical Characteristics
Rev.2.10
Nov 26, 2007
Page 35 of 60
REJ03B0182-0210
NOTES:
1.
VCC = 2.2 to 5.5 V at Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
Figure 5.1
Ports P0 to P6, P8 Timing Measurement Circuit
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Supply voltage
2.2
−
5.5
V
VSS/AVSS
Supply voltage
−
0
−
V
VIH
Input “H” voltage
0.8 VCC
−
VCC
V
VIL
Input “L” voltage
0
−
0.2 VCC
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins IOH(peak)
−−
−240
mA
IOH(sum)
Average sum
output “H” current
Sum of all pins IOH(avg)
−−
−120
mA
IOH(peak)
Peak output “H”
current
Except P2_0 to P2_7
−−
-10
mA
P2_0 to P2_7
−−
-40
mA
IOH(avg)
Average output
“H” current
Except P2_0 to P2_7
−−
-5
mA
P2_0 to P2_7
−−
-20
mA
IOL(sum)
Peak sum output
“L” current
Sum of all pins IOL(peak)
−−
240
mA
IOL(sum)
Average sum
output “L” current
Sum of all pins IOL(avg)
−−
120
mA
IOL(peak)
Peak output “L”
current
Except P2_0 to P2_7
−−
10
mA
P2_0 to P2_7
−−
40
mA
IOL(avg)
Average output
“L” current
Except P2_0 to P2_7
−−
5mA
P2_0 to P2_7
−−
20
mA
f(XIN)
XIN clock input oscillation frequency
3.0 V
≤ VCC ≤ 5.5 V
0
−
20
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
2.2 V
≤ VCC < 2.7 V
0
−
5MHz
f(XCIN)
XCIN clock input oscillation frequency
2.2 V
≤ VCC ≤ 5.5 V
0
−
70
kHz
−
System clock
OCD2 = 0
XlN clock selected
3.0 V
≤ VCC ≤ 5.5 V
0
−
20
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
2.2 V
≤ VCC < 2.7 V
0
−
5MHz
OCD2 = 1
On-chip oscillator clock
selected
FRA01 = 0
Low-speed on-chip
oscillator clock selected
−
125
−
kHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
3.0 V
≤ VCC ≤ 5.5 V
−−
20
MHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
2.7 V
≤ VCC ≤ 5.5 V
−−
10
MHz
FRA01 = 1
High-speed on-chip
oscillator clock selected
2.2 V
≤ VCC ≤ 5.5 V
−−
5MHz
P0
P1
P2
P3
P4
P5
P6
P8
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com