Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212BCSNFP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F212BCSNFP
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F212BCSNFP Datasheet HTML 47Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 48Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 49Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 50Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 51Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 52Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 53Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 54Page - Renesas Technology Corp R5F212BCSNFP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
R8C/2A Group, R8C/2B Group
5. Electrical Characteristics
Rev.2.10
Nov 26, 2007
Page 49 of 60
REJ03B0182-0210
Timing Requirements
(Unless Otherwise Specified: VCC = 5 V, VSS = 0 V at Topr = 25
°C) [VCC = 5 V]
Figure 5.8
XIN Input and XCIN Input Timing Diagram when VCC = 5 V
Figure 5.9
TRAIO Input and INT1 Input Timing Diagram when VCC = 5 V
NOTES:
1.
When using timer RF input capture mode, adjust the cycle time to (1/timer RF count source frequency × 3) or above.
2.
When using timer RF input capture mode, adjust the pulse width to (1/timer RF count source frequency × 1.5) or above.
Figure 5.10
TRFI Input Timing Diagram when VCC = 5 V
Table 5.18
XIN Input, XCIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
50
−
ns
tWH(XIN)
XIN input “H” width
25
−
ns
tWL(XIN)
XIN input “L” width
25
−
ns
tc(XCIN)
XCIN input cycle time
14
−µs
tWH(XCIN)
XCIN input “H” width
7
−µs
tWL(XCIN)
XCIN input “L” width
7
−µs
Table 5.19
TRAIO Input, INT1 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
100
−
ns
tWH(TRAIO)
TRAIO input “H” width
40
−
ns
tWL(TRAIO)
TRAIO input “L” width
40
−
ns
Table 5.20
TRFI Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRFI)
TRFI input cycle time
400(1)
−
ns
tWH(TRFI)
TRFI input “H” width
200(2)
−
ns
tWL(TRFI)
TRFI input “L” width
200(2)
−
ns
XIN input
tWH(XIN)
tC(XIN)
tWL(XIN)
VCC = 5 V
TRAIO input
VCC = 5 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)
tWH(TRFI)
tc(TRFI)
tWL(TRFI)
TRFI input
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com