| Electronic Components Datasheet Search |
|
MC68331MFC16 Datasheet(PDF) 28 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331MFC16 Datasheet(HTML) 28 Page - Motorola, Inc |
|
28 / 84 page ![]() 28 MC68331TS/D NOTES: 1. Operands in parentheses are ignored by the CPU32 during read cycles. 2. Three-byte transfer cases occur only as a result of a long word to byte transfer. 3. The CPU32 does not support misaligned word or long-word transfers. 3.5 Chip Selects Typical microcontrollers require additional hardware to provide external chip-select signals. Twelve in- dependently programmable chip selects provide fast two-cycle access to external memory or peripher- als. Address block sizes of 2 Kbytes to 1 Mbyte can be selected. Chip-select assertion can be synchronized with bus control signals to provide output enable, read/write strobes, or interrupt acknowledge signals. Logic can also generate DSACK signals internally. A single DSACK generator is shared by all circuits. Multiple chip selects assigned to the same address and con- trol must have the same number of wait states. Chip selects can also be synchronized with the ECLK signal available on ADDR23. When a memory access occurs, chip-select logic compares address space type, address, type of ac- cess, transfer size, and interrupt priority (in the case of interrupt acknowledge) to parameters stored in chip-select registers. If all parameters match, the appropriate chip-select signal is asserted. Select sig- nals are active low. Refer to the following block diagram of a single chip-select circuit. Table 11 Operand Alignment Transfer Case SIZ1 SIZ0 ADDR0 DSACK1 DSACK0 DATA [15:8] DATA [7:0] Byte to 8-Bit Port (Even/Odd) 0 1 X 1 0 OP0 (OP0) Byte to 16-Bit Port (Even) 0 1 0 0 X OP0 (OP0) Byte to 16-Bit Port (Odd) 0 1 1 0 X (OP0) OP0 Word to 8-Bit Port (Aligned) 1 0 0 1 0 OP0 (OP1) Word to 8-Bit Port (Misaligned)3 1 0 1 1 0 OP0 (OP0) Word to 16-Bit Port (Aligned) 1 0 0 0 X OP0 OP1 Word to 16-Bit Port (Misaligned)3 1 0 1 0 X (OP0) OP0 3 Byte to 8-Bit Port (Aligned)2 1 1 0 1 0 OP0 (OP1) 3 Byte to 8-Bit Port (Misaligned)2, 3 1 1 1 1 0 OP0 (OP0) 3 Byte to 16-Bit Port (Aligned)2 1 1 0 0 X OP0 OP1 3 Byte to 16-Bit Port (Misaligned)2, 3 1 1 1 0 X (OP0) OP0 Long Word to 8-Bit Port (Aligned) 0 0 0 1 0 OP0 (OP1) Long Word to 8-Bit Port (Misaligned)3 1 0 1 1 0 OP0 (OP0) Long Word to 16-Bit Port (Aligned) 0 0 0 0 X OP0 OP1 Long Word to 16-Bit Port (Misaligned)3 1 0 1 0 X (OP0) OP0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |