| Electronic Components Datasheet Search |
|
MC68331MFC16 Datasheet(PDF) 70 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MC68331MFC16 Datasheet(HTML) 70 Page - Motorola, Inc |
|
70 / 84 page ![]() 70 MC68331TS/D 6 General-Purpose Timer Module The 11-channel general-purpose timer (GPT) is used in systems where a moderate level of CPU control is required. The GPT consists of a capture/compare unit, a pulse accumulator, and two pulse-width modulators. A bus interface unit connects the GPT to the intermodule bus. Figure 15 GPT Block Diagram 6.1 Overview The capture/compare unit features three input capture channels, four output compare channels, and one channel that can be selected as an input capture or output compare channel. These channels share a 16-bit free-running counter (TCNT) which derives its clock from a nine-stage prescaler or from the ex- ternal clock input signal, PCLK. Pulse accumulator channel logic includes an 8-bit counter; the pulse accumulator can operate in either event counting mode or gated time accumulation mode. Pulse-width modulator outputs are periodic waveforms whose duty cycles can be independently select- ed and modified by user software. The PWM circuits share a 16-bit free-running counter that can be clocked by the same nine-stage prescaler used by the capture/compare unit or by the PCLK input. All GPT pins can also be used for general-purpose input/output. The input capture and output compare pins form a bidirectional 8-bit parallel port (PORTGP). PWM pins are outputs only. PAI and PCLK pins are inputs only. GPT input capture/output compare pins are bidirectional and can be used to form an 8-bit parallel port. The pulse-width modulator outputs can be used as general-purpose outputs. The PAI and PCLK inputs can be used as general-purpose inputs. The GPT control register address map is shown below. The “Access” column in the GPT address map indicates which registers are accessible only at the supervisor privilege level and which can be assigned to either the supervisor or user privilege level, according to the value of the SUPV bit in the GPTMCR. GPT BLOCK PULSE ACCUMULATOR PWM UNIT BUS INTERFACE IMB CAPTURE/COMPARE UNIT PRESCALER IC1/PGP0 IC2/PGP1 IC3/PGP2 PCLK PWMB PWMA PAI IC4/OC5/OC1/PGP7 OC4/OC1/PGP6 OC3/OC1/PGP5 OC2/OC1/PGP4 OC1/PGP3 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |