Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68331MFC20 Datasheet(PDF) 43 Page - Motorola, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC20 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button MC68331MFC20 Datasheet HTML 39Page - Motorola, Inc MC68331MFC20 Datasheet HTML 40Page - Motorola, Inc MC68331MFC20 Datasheet HTML 41Page - Motorola, Inc MC68331MFC20 Datasheet HTML 42Page - Motorola, Inc MC68331MFC20 Datasheet HTML 43Page - Motorola, Inc MC68331MFC20 Datasheet HTML 44Page - Motorola, Inc MC68331MFC20 Datasheet HTML 45Page - Motorola, Inc MC68331MFC20 Datasheet HTML 46Page - Motorola, Inc MC68331MFC20 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
MC68331TS/D
43
4 Central Processor Unit
Based on the powerful MC68020, the CPU32 processing module provides enhanced system perfor-
mance and also uses the extensive software base for the Motorola M68000 family.
4.1 Overview
The CPU32 is fully object code compatible with the M68000 Family, which excels at processing calcu-
lation-intensive algorithms and supporting high-level languages. The CPU32 supports all of the
MC68010 and most of the MC68020 enhancements, such as virtual memory support, loop mode oper-
ation, instruction pipeline, and 32-bit mathematical operations. Powerful addressing modes provide
compatibility with existing software programs and increase the efficiency of high-level language compil-
ers. Special instructions, such as table lookup and interpolate and low-power stop, support the specific
requirements of controller applications. Also included is the background debugging mode, an alternate
operating mode that suspends normal operation and allows the CPU to accept debugging commands
from the development system.
Ease of programming is an important consideration in using a microcontroller. The CPU32 instruction
set is optimized for high performance. The eight 32-bit general-purpose data registers readily support
8-bit (byte), 16-bit (word), and 32-bit (long word) operations. Ease of program checking and diagnosis
is further enhanced by trace and trap capabilities at the instruction level.
Use of high-level languages is increasing as controller applications become more complex and control
programs become larger. High-level languages aid rapid development of software, with less error, and
are readily portable. The CPU32 instruction set supports high-level languages.
4.2 Programming Model
The CPU32 has sixteen 32-bit general registers, a 32-bit program counter, one 32-bit supervisor stack
pointer, a 16-bit status register, two alternate function code registers, and a 32-bit vector base register.
The programming model of the CPU32 consists of a user model and supervisor model, corresponding
to the user and supervisor privilege levels. Some instructions available at the supervisor level are not
available at the user level, allowing the supervisor to protect system resources from uncontrolled ac-
cess. Bit S in the status register determines the privilege level.
The user programming model remains unchanged from previous M68000 Family microprocessors. Ap-
plication software written to run at the nonprivileged user level migrates without modification to the
CPU32 from any M68000 platform. The move from SR instruction, however, is privileged in the CPU32.
It is not privileged in the M68000.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com