Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68331MFC20 Datasheet(PDF) 52 Page - Motorola, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68331MFC20 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MC68331MFC20 Datasheet HTML 48Page - Motorola, Inc MC68331MFC20 Datasheet HTML 49Page - Motorola, Inc MC68331MFC20 Datasheet HTML 50Page - Motorola, Inc MC68331MFC20 Datasheet HTML 51Page - Motorola, Inc MC68331MFC20 Datasheet HTML 52Page - Motorola, Inc MC68331MFC20 Datasheet HTML 53Page - Motorola, Inc MC68331MFC20 Datasheet HTML 54Page - Motorola, Inc MC68331MFC20 Datasheet HTML 55Page - Motorola, Inc MC68331MFC20 Datasheet HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
52
MC68331TS/D
Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR
5.2 Pin Function
The following table is a summary of the functions of the QSM pins when they are not configured for gen-
eral-purpose I/O. The QSM data direction register (DDRQS) designates each pin except RXD as an in-
put or output.
Table 22 QSM Address Map
Access
Address
15
8 7
0
S
$YFFC00
QSM MODULE CONFIGURATION (QSMCR)
S
$YFFC02
QSM TEST (QTEST)
S
$YFFC04
QSM INTERRUPT LEVEL (QILR)
QSM INTERRUPT VECTOR (QIVR)
S/U
$YFFC06
NOT USED
S/U
$YFFC08
SCI CONTROL 0 (SCCR0)
S/U
$YFFC0A
SCI CONTROL 1 (SCCR1)
S/U
$YFFC0C
SCI STATUS (SCSR)
S/U
$YFFC0E
SCI DATA (SCDR)
S/U
$YFFC10
NOT USED
S/U
$YFFC12
NOT USED
S/U
$YFFC14
NOT USED
PQS DATA (PORTQS)
S/U
$YFFC16
PQS PIN ASSIGNMENT (PQSPAR)
PQS DATA DIRECTION (DDRQS)
S/U
$YFFC18
SPI CONTROL 0 (SPCR0)
S/U
$YFFC1A
SPI CONTROL 1 (SPCR1)
S/U
$YFFC1C
SPI CONTROL 2 (SPCR2)
S/U
$YFFC1E
SPI CONTROL 3 (SPCR3)
SPI STATUS (SPSR)
S/U
$YFFC20–
$YFFCFF
NOT USED
S/U
$YFFD00–
$YFFD1F
RECEIVE RAM (RR[0:F])
S/U
$YFFD20–
$YFFD3F
TRANSMIT RAM (TR[0:F])
S/U
$YFFD40–
$YFFD4F
COMMAND RAM (CR[0:F])
Pin
Mode
Pin Function
MISO
Master
Serial Data Input to QSPI
QSPI Pins
Slave
Serial Data Output from QSPI
MOSI
Master
Serial Data Output from QSPI
Slave
Serial Data Input to QSPI
SCK
Master
Clock Output from QSPI
Slave
Clock Input to QSPI
PCS0/SSMaster
Input: Assertion Causes Mode Fault
Output: Selects Peripherals
Slave
Input: Selects the QSPI
PCS[3:1]
Master
Output: Selects Peripherals
Slave
None
SCI Pins
TXD
Transmit
Serial Data Output from SCI
RXD
Receive
Serial Data Input to SCI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com