Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624AYEW/R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MM908E624AYEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624AYEW/R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MM908E624AYEW/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
908E624
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. Terminal Connections
Table 1. Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18.
Die
Terminal
Terminal Name
Formal Name
Definition
MCU
1
2
6
7
8
11
PTB7/AD7/TBCH1
PTB6/AD6/TBCH0
PTB5/AD5
PTB4/AD4
PTB3/AD3
PTB1/AD1
Port B I/Os
These terminals are special-function, bidirectional I/O port terminals
that are shared with other functional modules in the MCU.
MCU
3
4
5
PTC4/OSC1
PTC3/OSC2
PTC2/MCLK
Port C I/Os
These terminals are special-function, bidirectional I/O port terminals
that are shared with other functional modules in the MCU.
MCU
9
IRQ
External Interrupt
Input
This terminal is an asynchronous external interrupt input terminal.
MCU
10
RST
External Reset
This terminal is bidirectional, allowing a reset of the entire system. It is
driven low when any internal reset source is asserted.
MCU
12
13
PTD0/TACH0
PTD1/TACH1
Port D I/Os
These terminals are special-function, bidirectional I/O port terminals
that are shared with other functional modules in the MCU.
—
14, 15, 16,
20, 21, 22,
32, 41
NC
No Connect
Not connected.
MCU
42
PTE1/RXD
Port E I/O
This terminal is a special-function, bidirectional I/O port terminal that
can is shared with other functional modules in the MCU.
PTA0/KBD0
PTA1/KBD1
PTA2/KBD2
PTA3/KBD3
PTA4/KBD4
VREFH
VDDA
EVDD
EVSS
VSSA
VREFL
PTE1/RXD
NC
RXD
WDCONF
+E
-E
OUT
VCC
AGND
VDD
NC
VSUP1
GND
LIN
VSUP2
FLSVPP
PTB7/AD7/TBCH1
PTB6/AD6/TBCH0
PTC4/OSC1
PTC3/OSC2
PTC2/MCLK
PTB5/AD5
PTB4/AD4
PTB3/AD3
IRQ
RST
PTB1/AD1
PTD0/TACH0
PTD1/TACH1
NC
NC
NC
PWMIN
RST_A
IRQ_A
NC
NC
NC
L1
L2
HS3
HS2
HS1
1
11
12
13
14
15
16
17
18
19
20
9
10
21
22
23
24
25
26
27
6
7
8
4
5
2
3
54
44
43
42
41
40
39
38
37
36
35
46
45
34
33
32
31
30
29
28
49
48
47
51
50
53
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com