Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624AYEW/R2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MM908E624AYEW/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624AYEW/R2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MM908E624AYEW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624AYEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
908E624
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SYSTEM RESETS AND INTERRUPTS
Low-Voltage Reset (LVR)
Threshold
VLVRON
3.6
4.0
4.4
V
Low-Voltage Interrupt (LVI)
Threshold
Hysteresis
VLVI
VLVI_HYS
5.7
—
6.0
1.0
6.6
—
V
High-Voltage Interrupt (HVI)
Threshold
Hysteresis
VHVI
VHVI_HYS
18
—
19.25
220
20.5
—
V
mV
VOLTAGE REGULATOR (10)
Normal Mode Output Voltage
2.0 mA < IDD < 50 mA, 5.5 V < VSUP < 27 V
VDDRUN
4.75
5.0
5.25
V
Normal Mode Output Current Limitation (11)
IDDRUN
50
110
200
mA
Dropout Voltage
VSUP = 4.9 V, IDD = 50 mA
VDDDROP
—0.1
0.2
V
Stop Mode Output Voltage (12)
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Regulator Current Limitation
IDDSTOP
4.0
8.0
14
mA
Line Regulation
Normal Mode, 5.5 V < VSUP < 27 V, IDD = 10 mA
Stop Mode, 5.5 V < VSUP < 27 V, IDD = 2.0 mA
VLRRUN
VLRSTOP
—
—
20
10
150
100
mV
Load Regulation
Normal Mode, 1.0 mA < IDD < 50 mA, VSUP = 18 V
Stop Mode, 1.0 mA < IDD < 5.0 mA, VSUP = 18 V
VLRRUN
VLDSTOP
—
—
40
40
150
150
mV
Over-temperature Pre-Warning (Junction) (13)
TPRE
120
135
160
°C
Thermal Shutdown Temperature (Junction) (13)
TSD
155
170
—
°C
Temperature Threshold Difference
TSD-TPRE
ΔTSD-TPRE
20
30
45
°C
Notes
10.
Specification with external capacitor 2.0
μF< C < 10 μF and 200 mΩ ≤ ESR ≤ 10 Ω. Capacitor value up to 47 μF can be used.
11.
Total VDD regulator current. A 5.0 mA current for current sense operational amplifier is included. Digital output supplied from VDD.
12.
When switching from Normal to Stop mode or from Stop mode to Normal mode, the output voltage can vary within the output voltage
specification.
13.
This parameter is guaranteed by process monitoring but not production tested
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 data sheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com