Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8343VRAGDB Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
73
System Design Information
21.3
Decoupling Recommendations
Due to large address and data buses and high operating frequencies, the MPC8343EA can generate
transient power surges and high frequency noise in its power supply, especially while driving large
capacitive loads. This noise must be prevented from reaching other components in the MPC8343EA
system, and the device itself requires a clean, tightly regulated source of power. Therefore, the system
designer should place at least one decoupling capacitor at each VDD, OVDD, GVDD, and LVDD pin of the
device. These capacitors should receive their power from separate VDD, OVDD, GVDD, LVDD, and GND
power planes in the PCB, with short traces to minimize inductance. Capacitors can be placed directly under
the device using a standard escape pattern. Others can surround the part.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology)
capacitors should be used to minimize lead inductance, preferably 0402 or 0603 sizes.
In addition, distribute several bulk storage capacitors around the PCB, feeding the VDD, OVDD, GVDD,
and LVDD planes, to enable quick recharging of the smaller chip capacitors. These bulk capacitors should
have a low ESR (equivalent series resistance) rating to ensure the quick response time. They should also
be connected to the power and ground planes through two vias to minimize inductance. Suggested bulk
capacitors are 100–330 µF (AVX TPS tantalum or Sanyo OSCON).
21.4
Connection Recommendations
To ensure reliable operation, connect unused inputs to an appropriate signal level. Unused active low
inputs should be tied to OVDD, GVDD, or LVDD as required. Unused active high inputs should be
connected to GND. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, GVDD, LVDD, OVDD, and GND pins of
the MPC8343EA.
21.5
Output Buffer DC Impedance
The MPC8343EA drivers are characterized over process, voltage, and temperature. For all buses, the
driver is a push-pull single-ended driver type (open drain for I2C).
To measure Z0 for the single-ended drivers, an external resistor is connected from the chip pad to OVDD
or GND. Then the value of each resistor is varied until the pad voltage is OVDD/2 (see Figure 38). The
output impedance is the average of two components, the resistances of the pull-up and pull-down devices.
When data is held high, SW1 is closed (SW2 is open) and RP is trimmed until the voltage at the pad equals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com