Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8343VRAGDB Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8343VRAGDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343VRAGDB Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8343VRAGDB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8343VRAGDB Datasheet HTML 79Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
77
Document Revision History
23 Document Revision History
Table 64 provides a revision history of this document.
Table 64. Document Revision History
Rev.
Number
Date
Substantive Change(s)
10
11/2010
• In Table 51, added overbar to LCS[4] and LCS[5] signals. In Table 51 added note for pin LGPL4.
•In Section 21.7, “Pull-Up Resistor Requirements, updated the list of open drain type pins.
9
05/2010
• In Table 25 through Table 26, changed VIL(min) to VIH(max) to (20%–80%).
• Added Table 8, “EC_GTX_CLK125 AC Timing Specifications.”
8
5/2009
• In Section 18.1, “Package Parameters for the MPC8343EA PBGA, changed solder ball for TBGA
and PBGA from 95.5 Sn/0.5 Cu/4 Ag to 96.5 Sn/3.5 Ag.
•In Table 53, added two columns for the DDR1 and DDR2 memory bus frequency.
•In Table 62, footnote 1, changed 667(TBGA) to 533(TBGA). footnote 4, added data rate for DDR1
and DDR2.
7
2/2009
• Added footnote 6 to Table 7.
•In Section 9.2, “USB AC Electrical Specifications,” clarified that AC table is for ULPI only.
•In Table 35, corrected tLBKHOV parameter to tLBKLOV (output data is driven on falling edge of clock
in DLL bypass mode). Similarly, made the same correction to Figure 17, Figure 19, and Figure 20
for output signals.
• Added footnote 10 to Table 51.
•In Table 51, updated note 11 to say the following: “SEC1_TXD[3] is required an external pull-up
resistor. For proper functionality of the device, this pin must be pulled up or actively driven high
during a hard reset. No external pull-down resistors are allowed to be attached to this net.”
•In Section 21.1, “System Clocking,” removed “(AVDD1)” and “(AVDD2”) from bulleted list.
•In Section 21.2, “PLL Power Supply Filtering,” in the second paragraph, changed “provide five
independent filter circuits,” and “the five AVDD pins” to provide four independent filter circuits,” and
“the four AVDD pins.”
•In Table 62, updated note 1 to say the following: “For temperature range = C, processor frequency
is limited to 400 with a platform frequency of 266.”
6
4/2007
• In Table 3, “Output Drive Capability,” changed the values in the Output Impedance column and
added USB to the seventh row.
•In Section 21.7, “Pull-Up Resistor Requirements,“ deleted last two paragraphs and after first
paragraph, added a new paragraph.
• Deleted Section 21.8, “JTAG Configuration Signals,” and Figure 43, “JTAG Interface Connection.”
5
3/2007
• Page 1, updated first paragraph to reflect PowerQUICC II Pro information.
• In Table 18, “DDR and DDR2 SDRAM Input AC Timing Specifications,” added note 2 to tCISKEW
and deleted original note 3; renumbered the remaining notes.
• In Figure 38, “JTAG Interface Connection,” updated with new figure.
• In Figure 38, “JTAG Interface Connection,” updated with new figure.
• In Section 23, “Ordering Information,” replaced first paragraph and added a note.
• In Section 23.1, “Part Numbers Fully Addressed by this Document,” replaced first paragraph.
4
12/2006
Table 19, “DDR and DDR2 SDRAM Output AC Timing Specifications,” modified Tddkhds for 333 MHz
from 900 ps to 775 ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com