Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8102UG Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MSC8102UG
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MSC8102UG Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-18
Freescale Semiconductor
Specifications
2.5.7
TDM Timing
Table 2-18.
TDM Timing
Number
Characteristic
Expression
Minimum
Maximum
Units
300
TDMxRCLK/TDMxTCLK
TC1
20
—
ns
301
TDMxRCLK/TDMxTCLK high pulse width
(0.5
± 0.1) × TC
8
—
ns
302
TDMxRCLK/TDMxTCLK Low pulse width
(0.5
± 0.1) × TC
8
—
ns
303
TDM receive all input set-up time
2.5
—
ns
304
TDM receive all input hold time
2.5
—
ns
305
TDMxTCLK high to TDMxTDAT/TDMxRCLK output
active2,3
3
—
ns
306
TDMxTCLK high to TDMxTDAT/TDMxRCLK output valid2,3
—
12
ns
307
All output hold time2
4
—
ns
308
TDMxTCLK high to TDmXTDAT/TDMxRCLK output high
impedance
2,3
—
11
ns
309
TDMxTCLK high to TDMXTSYN output valid
2
—
11
ns
310
TDMxTSYN output hold time
2
3.9
—
ns
Notes:
1.
Values are based on a frequency range of 9–50 MHz.
2.
Values are based on 30 pF capacitive load.
3.
When configured as an output, TDMxRCLK acts as a second data link. See Chapter 22 of the
MSC8102 Reference Manual for
details.
Figure 2-13.
TDM Inputs Signals
Figure 2-14.
TDM Output Signals
TDMxRCLK
TDMxRDAT
TDMxRSYN
300
301
302
303
303
304
304
TDMxTCLK
TDMxTDAT
TDMxTSYN
305
306
308
307
300
301
302
310
309
TDMxRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com