Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8102UG Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MSC8102UG
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MSC8102UG Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
4-6
Freescale Semiconductor
Design Considerations
4.5 Thermal Design Considerations
An estimation of the chip-junction temperature, TJ, in ° C can be obtained from the following:
TJ = TA + (R
θJA × PD)
Equation 2
where
TA = ambient temperature near the package (° C)
RθJA = junction-to-ambient thermal resistance (° C/W)
PD = PINT + PI/O = power dissipation in the package (W)
PINT = IDD × VDD = internal power dissipation (W)
PI/O = power dissipated from device on output pins (W)
The power dissipation values for the MSC8102 are listed in Table 2-3. The ambient temperature for the device is
the air temperature in the immediate vicinity that would cool the device. The junction-to-ambient thermal
resistances are JEDEC standard values that provide a quick and easy estimation of thermal performance. There are
two values in common usage: the value determined on a single layer board and the value obtained on a board with
two planes. The value that more closely approximates a specific application depends on the power dissipated by
other components on the printed circuit board (PCB). The value obtained using a single layer board is appropriate
for tightly packed PCB configurations. The value obtained using a board with internal planes is more appropriate
for boards with low power dissipation (less than 0.02 W/cm
2 with natural convection) and well separated
components. Based on an estimation of junction temperature using this technique, determine whether a more
detailed thermal analysis is required. Standard thermal management techniques can be used to maintain the device
thermal junction temperature below its maximum. If TJ appears to be too high, either lower the ambient
temperature or the power dissipation of the chip. You can verify the junction temperature by measuring the case
temperature using a small diameter thermocouple (40 gauge is recommended) or an infrared temperature sensor on
a spot on the device case that is painted black. The MSC8102 device case surface is too shiny (low emissivity) to
yield an accurate infrared temperature measurement. Use the following equation to determine TJ:
TJ = TT + (θJA × PD)
Equation 3
where
TT = thermocouple (or infrared) temperature on top of the package (° C)
θ
JA = thermal characterization parameter (° C/W)
PD = power dissipation in the package (W)
Note:
See MSC8102, MSC8122, and MSC8126 Thermal Management Design Guidelines (AN2601).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com