Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS244 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS244
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS244 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS244 Datasheet HTML 1Page - Sanyo Semicon Device FSS244 Datasheet HTML 2Page - Sanyo Semicon Device FSS244 Datasheet HTML 3Page - Sanyo Semicon Device FSS244 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS244
No.6938-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=10A, VGS=10V
13
17
m
Ω
RDS(on)2
ID=4A, VGS=4.5V
20
28
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
980
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
410
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
170
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
11
ns
Rise Time
tr
See specified Test Circuit
210
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
80
ns
Fall Time
tf
See specified Test Circuit
85
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=10A
17
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=10A
3.3
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=10A
1.7
nC
Diode Forward Voltage
VSD
IS=10A, VGS=0
0.8
1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
10V
0V
Vin
P.G
50
Ω
G
S
ID=10A
RL=1.5Ω
VDD=15V
VOUT
Vin
D
FSS244
10
9
8
7
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ID -- VDS
Drain-to-Source Voltage, VDS -- V
VGS=2.5V
0
12
14
16
10
8
6
4
2
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
ID -- VGS
Gate-to-Source Voltage, VGS -- V
VDS=10V
60
55
50
45
40
35
30
25
20
15
10
5
0
02468
10
12
14
16
18
20
RDS(on) -- VGS
10A
ID=4A
Ambient Temperature, Ta --
°C
IT00535
IT00536
IT00537
IT00538
Ta=25
°C
Gate-to-Source Voltage, VGS -- V
0
RDS(on) -- Ta
60
50
40
30
20
10
--60
--40
--20
0
20
40
60
80
100
120
160
140
VGS
=4.5V
, ID=4A
VGS=10.0V
, ID=10A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com