Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS244 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS244
Description  DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS244 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS244 Datasheet HTML 1Page - Sanyo Semicon Device FSS244 Datasheet HTML 2Page - Sanyo Semicon Device FSS244 Datasheet HTML 3Page - Sanyo Semicon Device FSS244 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS244
No.6938-3/4
100
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
0.1
yfs -- ID
Drain Current, ID -- A
1.0
7
5
3
27
5
3
2
10
10
1.0
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
0.01
0.001
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IF -- VSD
Diode Forward Voltage, VSD -- V
1.0
Ta=
--25
°C
25°
C
75°
C
10000
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
10
0
5
10
15
20
25
30
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Ciss
Coss
Crss
10
9
8
7
6
5
4
3
2
1
0
0123456789
11 12 13
10
14 15 16 17
Qg -- VGS
Total Gate Charge, Qg -- nC
VDS=10V
ID=10A
IT00539
IT00540
IT00541
IT00542
VDS=10V
f=1MHz
VGS=0
0.1
1.0
23
5
7
23
5
7
10
2
10
1.0
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
Drain Current, ID -- A
SW Time -- ID
td(on)
VDD=15V
VGS=10V
0
20
40
60
80
100
120
140
160
0.5
0
1.0
1.5
2.0
2.5
3.0
Ambient Temperature, Ta --
°C
PD -- Ta
Mounted
on
a ceramic
board(1200mm
2!
0.8mm)
0.1
23
5 7
2 3
5 7
7
1.0
10
23
5
7
23
5
100
10
1.0
0.1
100
7
5
3
2
0.01
0.01
7
5
3
2
7
5
3
2
7
5
3
2
Drain-to-Source Voltage, VDS -- V
A S O
Ta=25
°C
Single pulse
Mounted on a ceramic board(1200mm2!0.8mm)
Operation in this
area is limited by RDS(on).
DC
opration(T
a=25
°C)
IDP=52A
ID=10A
<100
µs
100
µs
1ms
10ms
100ms
tf
td(off)
t r
IT00543
IT00545
IT00544



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com