Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8154ESVT1000B Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MSC8154ESVT1000B
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
38
Figure 11 shows the DDR2 and DDR3 SDRAM interface input timing diagram.
2.6.1.2
DDR SDRAM Output AC Timing Specifications
Table 21 provides the output AC timing specifications for the DDR SDRAM interface.
Figure 11. DDR2 and DDR3 SDRAM Interface Input Timing Diagram
Table 21. DDR SDRAM Output AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time
tMCK
2.5
5
ns
2
ADDR/CMD output setup with respect to MCK
• 800 MHz data rate
• 667 MHz data rate
tDDKHAS
0.917
1.10
—
—
ns
ns
3
ADDR/CMD output hold with respect to MCK
• 800 MHz data rate
• 667 MHz data rate
tDDKHAX
0.767
1.02
—
—
ns
ns
3
MCSn output setup with respect to MCK
• 800 MHz data rate
• 667 MHz data rate
tDDKHCS
0.917
1.10
—
—
ns
ns
3
MCSn output hold with respect to MCK
• 800 MHz data rate
• 667 MHz data rate
tDDKHCX
0.767
1.02
—
—
ns
ns
3
MCK to MDQS Skew
• 800 MHz data rate
• 667 MHz data rate
tDDKHMH
–0.4
–0.6
0.375
0.6
ns
4
MDQ/MECC/MDM output setup with respect to MDQS
• 800 MHz
• 667 MHz
tDDKHDS,
tDDKLDS
300
375
—
—
ps
ps
5
MDQ/MECC/MDM output hold with respect to MDQS
• 800 MHz
• 667 MHz
tDDKHDX,
tDDKLDX
300
375
—
—
ps
ps
5
MDQS preamble
tDDKHMP
–0.9
× tMCK
—ns
—
MDQS postamble
tDDKHME
–0.4
× tMCK
–0.6
× tMCK
ns
—
MCK[n]
MCK[n]
tMCK
MDQ[n]
MDQS[n]
tDISKEW
D1
D0
tDISKEW
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com