Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8154ESVT1000B Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MSC8154ESVT1000B
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Hardware Design Considerations
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
63
3.5.5
Miscellaneous Pins
Table 49 lists the board connections for the pins not required by the system design. Table 49 assumes that the alternate function
of the specified pin is not used. If the alternate function is used, connect that pin as required to support the selected function.
Note:
For details on configuration, see the MSC8154E Reference Manual. For additional information, refer to the MSC815x
and MSC825x DSP Family Design Checklist.
TDMnTCLK
GND
TDMTnDAT
GND
TDMnTSYN
GND
VDDIO
2.5 V
Notes:
1.
n = {0, 1, 2,3}
2.
In case of subset of TDM interface usage please make sure to disable unused TDM modules. See TDM chapter in the
MSC8154E Reference Manual for details.
Table 49. Connectivity of Individual Pins When They Are Not Required
Signal Name
Pin Connection
CLKOUT
NC
EE0
GND
EE1
NC
GPIO[31–0]
NC
SCL
See the GPIO connectivity guidelines in this table.
SDA
See the GPIO connectivity guidelines in this table.
INT_OUT
NC
IRQ[15–0]
See the GPIO connectivity guidelines in this table.
NMI
VDDIO
NMI_OUT
NC
RC[21–0]
GND
STOP_BS
GND
TCK
GND
TDI
GND
TDO
NC
TMR[4–0]
See the GPIO connectivity guidelines in this table.
TMS
GND
TRST
See Section 3.1 for guidelines.
URXD
See the GPIO connectivity guidelines in this table.
UTXD
See the GPIO connectivity guidelines in this table.
DDN[1–0]
See the GPIO connectivity guidelines in this table.
DRQ[1–0]
See the GPIO connectivity guidelines in this table.
RCW_LSEL_0
GND
RCW_LSEL_1
GND
RCW_LSEL_2
GND
RCW_LSEL_3
GND
VDDIO
2.5 V
Table 48. Connectivity of TDM Related Pins When TDM Interface Is Not Used
Signal Name
Pin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com