Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR13B554KP Datasheet(PDF) 18 Page - Kemet Corporation

Part # CSR13B554KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B554KP Datasheet(HTML) 18 Page - Kemet Corporation

Back Button CSR13B554KP Datasheet HTML 14Page - Kemet Corporation CSR13B554KP Datasheet HTML 15Page - Kemet Corporation CSR13B554KP Datasheet HTML 16Page - Kemet Corporation CSR13B554KP Datasheet HTML 17Page - Kemet Corporation CSR13B554KP Datasheet HTML 18Page - Kemet Corporation CSR13B554KP Datasheet HTML 19Page - Kemet Corporation CSR13B554KP Datasheet HTML 20Page - Kemet Corporation CSR13B554KP Datasheet HTML 21Page - Kemet Corporation CSR13B554KP Datasheet HTML 22Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
KEMET T111 SERIES
MIL-PRF-39003 (CSR91) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
1.3
A
10
T111A135K015AS
0.3
4
0250 0470 0690 0910 3027 4027 5027 T213A135K015(1)S
1.6
A
10
T111A165K015AS
0.4
4
0251 0471 0691 0911 3028 4028 5028 T213A165K015(1)S
1.6
A
20
T111A165M015AS
0.4
4
0252 0472 0692 0912 3029 4029 5029 T213A165M015(1)S
9.0
B
10
T111B905K015AS
2.0
6
0253 0473 0693 0913 3030 4030 5030 T213B905K015(1)S
11.0
B
10
T111B116K015AS
2.0
6
0254 0474 0694 0914 3031 4031 5031 T213B116K015(1)S
11.0
B
20
T111B116M015AS
2.0
6
0255 0475 0695 0915 3032 4032 5032 T213B116M015(1)S
28.0
C
10
T111C286K015AS
4.0
6
0256 0476 0696 0916 3033 4033 5033 T213C286K015(1)S
34.0
C
10
T111C346K015AS
5.0
6
0257 0477 0697 0917 3034 4034 5034 T213C346K015(1)S
34.0
C
20
T111C346M015AS
5.0
6
0258 0478 0698 0918 3035 4035 5035 T213C346M015(1)S
60.0
D
10
T111D606K015AS
6.0
6
0259 0479 0699 0919 3036 4036 5036 T213D606K015(1)S
75.0
D
10
T111D756K015AS
10.0
6
0260 0480 0700 0920 3037 4037 5037 T213D756K015(1)S
75.0
D
20
T111D756M015AS
10.0
6
0261 0481 0701 0921 3038 4038 5038 T213D756M015(1)S
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
0.6
A
10
T111A604K020AS
0.3
4
0262 0482 0702 0922 3039 4039 5039 T213A604K020(1)S
0.75
A
10
T111A754K020AS
0.3
4
0263 0483 0703 0923 3040 4040 5040 T213A754K020(1)S
0.75
A
20
T111A754M020AS
0.3
4
0264 0484 0704 0924 3041 4041 5041 T213A754M020(1)S
0.9
A
10
T111A904K020AS
0.3
4
0265 0485 0705 0925 3042 4042 5042 T213A904K020(1)S
1.1
A
10
T111A115K020AS
0.4
4
0266 0486 0706 0926 3043 4043 5043 T213A115K020(1)S
1.1
A
20
T111A115M020AS
0.4
4
0267 0487 0707 0927 3044 4044 5044 T213A115M020(1)S
4.1
B
10
T111B415K020AS
1.0
6
0268 0488 0708 0928 3045 4045 5045 T213B415K020(1)S
5.0
B
10
T111B505K020AS
1.0
6
0269 0489 0709 0929 3046 4046 5046 T213B505K020(1)S
5.0
B
20
T111B505M020AS
1.0
6
0270 0490 0710 0930 3047 4047 5047 T213B505M020(1)S
6.0
B
10
T111B605K020AS
1.0
6
0271 0491 0711 0931 3048 4048 5048 T213B605K020(1)S
7.5
B
10
T111B755K020AS
2.0
6
0272 0492 0712 0932 3049 4049 5049 T213B755K020(1)S
7.5
B
20
T111B755M020AS
2.0
6
0273 0493 0713 0933 3050 4050 5050 T213B755M020(1)S
13.0
C
10
T111C136K020AS
2.5
6
0274 0494 0714 0934 3051 4051 5051 T213C136K020(1)S
16.0
C
10
T111C166K020AS
3.0
6
0275 0495 0715 0935 3052 4052 5052 T213C166K020(1)S
16.0
C
20
T111C166M020AS
3.0
6
0276 0496 0716 0936 3053 4053 5053 T213C166M020(1)S
19.0
C
10
T111C196K020AS
3.0
6
0277 0497 0717 0937 3054 4054 5054 T213C196K020(1)S
23.0
C
10
T111C236K020AS
4.5
6
0278 0498 0718 0938 3055 4055 5055 T213C236K020(1)S
23.0
C
20
T111C236M020AS
4.5
6
0279 0499 0719 0939 3056 4056 5056 T213C236M020(1)S
28.0
D
10
T111D286K020AS
5.5
6
0280 0500 0720 0940 3057 4057 5057 T213D286K020(1)S
34.0
D
10
T111D346K020AS
6.0
6
0281 0501 0721 0941 3058 4058 5058 T213D346K020(1)S
34.0
D
20
T111D346M020AS
6.0
6
0282 0502 0722 0942 3059 4059 5059 T213D346M020(1)S
41.0
D
10
T111D416K020AS
6.0
6
0283 0503 0723 0943 3060 4060 5060 T213D416K020(1)S
50.0
D
10
T111D506K020AS
10.0
6
0284 0504 0724 0944 3061 4061 5061 T213D506K020(1)S
50.0
D
20
T111D506M020AS
10.0
6
0285 0505 0725 0945 3062 4062 5062 T213D506M020(1)S
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
2.8
B
10
T111B285K035AS
1.0
4
0289 0509 0729 0949 3063 4063 5063 T213B285K035(1)S
3.4
B
10
T111B345K035AS
1.5
4
0290 0510 0730 0950 3064 4064 5064 T213B345K035(1)S
3.4
B
20
T111B345M035AS
1.5
4
0291 0511 0731 0951 3065 4065 5065 T213B345M035(1)S
11.0
C
10
T111C116K035AS
4.0
4
0292 0512 0732 0952 3066 4066 5066 T213C116K035(1)S
11.0
C
20
T111C116M035AS
4.0
4
0293 0513 0733 0953 3067 4067 5067 T213C116M035(1)S
13.0
D
10
T111D136K035AS
4.5
4
0294 0514 0734 0954 3068 4068 5068 T213D136K035(1)S
16.0
D
10
T111D166K035AS
5.5
4
0295 0515 0735 0955 3069 4069 5069 T213D166K035(1)S
16.0
D
20
T111D166M035AS
5.5
4
0296 0516 0736 0956 3070 4070 5070 T213D166M035(1)S
19.0
D
10
T111D196K035AS
6.0
4
0297 0517 0737 0957 3071 4071 5071 T213D196K035(1)S
23.0
D
10
T111D236K035AS
8.0
4
0298 0518 0738 0958 3072 4072 5072 T213D236K035(1)S
23.0
D
20
T111D236M035AS
8.0
4
0299 0519 0739 0959 3073 4073 5073 T213D236M035(1)S
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
0.0023
A
10
T111A232K050AS
0.1
2
1171 1241 1311 1381 3074 4074 5074 T213A232K050(1)S
0.0023
A
20
T111A232M050AS
0.1
2
1172 1242 1312 1382 3075 4075 5075 T213A232M050(1)S
0.0028
A
10
T111A282K050AS
0.1
2
1173 1243 1313 1383 3076 4076 5076 T213A282K050(1)S
0.0034
A
10
T111A342K050AS
0.1
2
1174 1244 1314 1384 3077 4077 5077 T213A342K050(1)S
0.0034
A
20
T111A342M050AS
0.1
2
1175 1245 1315 1385 3078 4078 5078 T213A342M050(1)S
0.0041
A
10
T111A412K050AS
0.1
2
1176 1246 1316 1386 3079 4079 5079 T213A412K050(1)S
0.005
A
10
T111A502K050AS
0.1
2
1177 1247 1317 1387 3080 4080 5080 T213A502K050(1)S
0.005
A
20
T111A502M050AS
0.1
2
1178 1248 1318 1388 3081 4081 5081 T213A502M050(1)S
0.006
A
10
T111A602K050AS
0.1
2
1179 1249 1319 1389 3082 4082 5082 T213A602K050(1)S
0.0075
A
10
T111A752K050AS
0.1
2
1180 1250 1320 1390 3083 4083 5083 T213A752K050(1)S
0.0075
A
20
T111A752M050AS
0.1
2
1181 1251 1321 1391 3084 4084 5084 T213A752M050(1)S
0.009
A
10
T111A902K050AS
0.1
2
1182 1252 1322 1392 3085 4085 5085 T213A902K050(1)S
0.011
A
10
T111A113K050AS
0.1
2
1183 1253 1323 1393 3086 4086 5086 T213A113K050(1)S
0.011
A
20
T111A113M050AS
0.1
2
1184 1254 1324 1394 3087 4087 5087 T213A113M050(1)S
0.013
A
10
T111A133K050AS
0.1
2
1185 1255 1325 1395 3088 4088 5088 T213A133K050(1)S
0.016
A
10
T111A163K050AS
0.1
2
1186 1256 1326 1396 3089 4089 5089 T213A163K050(1)S
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
21
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T111 SERIES — NON-POLAR & T213 (CSR91)
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/4C
EXPONENTIAL
MIL-PRF-39003/4C
GRADED
(1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com