Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR13B554KP Datasheet(PDF) 23 Page - Kemet Corporation

Part # CSR13B554KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B554KP Datasheet(HTML) 23 Page - Kemet Corporation

Back Button CSR13B554KP Datasheet HTML 19Page - Kemet Corporation CSR13B554KP Datasheet HTML 20Page - Kemet Corporation CSR13B554KP Datasheet HTML 21Page - Kemet Corporation CSR13B554KP Datasheet HTML 22Page - Kemet Corporation CSR13B554KP Datasheet HTML 23Page - Kemet Corporation CSR13B554KP Datasheet HTML 24Page - Kemet Corporation CSR13B554KP Datasheet HTML 25Page - Kemet Corporation CSR13B554KP Datasheet HTML 26Page - Kemet Corporation CSR13B554KP Datasheet HTML 27Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
KEMET T222 SERIES
MIL-PRF-39003 (CSR09) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
CAPACITANCE
LEAKAGE
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
0.22
A
5
T222A224J050(1)S
0.6
3
1030
1090
1150
1210
2051
3051
4051
0.22
A
10
T222A224K050(1)S
0.6
3
0030
0090
0150
0210
2052
3052
4052
0.27
A
5
T222A274J050(1)S
0.6
3
1031
1091
1151
1211
2053
3053
4053
0.27
A
10
T222A274K050(1)S
0.6
3
0031
0091
0151
0211
2054
3054
4054
1.5
B
5
T222B155J050(1)S
1.4
3
1032
1092
1152
1212
2055
3055
4055
1.5
B
10
T222B155K050(1)S
1.4
3
0032
0092
0152
0212
2056
3056
4056
1.8
B
5
T222B185J050(1)S
1.4
3
1033
1093
1153
1213
2057
3057
4057
1.8
B
10
T222B185K050(1)S
1.4
3
0033
0093
0153
0213
2058
3058
4058
75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C
0.047
A
5
T222A473J075(1)S
0.6
3
1034
1094
1154
1214
2059
3059
4059
0.047
A
10
T222A473K075(1)S
0.6
3
0034
0094
0154
0214
2060
3060
4060
0.056
A
5
T222A563J075(1)S
0.6
3
1035
1095
1155
1215
2061
3061
4061
0.056
A
10
T222A563K075(1)S
0.6
3
0035
0095
0155
0215
2062
3062
4062
0.068
A
5
T222A683J075(1)S
0.6
3
1036
1096
1156
1216
2063
3063
4063
0.068
A
10
T222A683K075(1)S
0.6
3
0036
0096
0156
0216
2064
3064
4064
0.082
A
5
T222A823J075(1)S
0.6
3
1037
1097
1157
1217
2065
3065
4065
0.082
A
10
T222A823K075(1)S
0.6
3
0037
0097
0157
0217
2066
3066
4066
0.10
A
5
T222A104J075(1)S
0.6
3
1038
1098
1158
1218
2067
3067
4067
0.10
A
10
T222A104K075(1)S
0.6
3
0038
0098
0158
0218
2068
3068
4068
0.12
A
5
T222A124J075(1)S
0.6
3
1039
1099
1159
1219
2069
3069
4069
0.12
A
10
T222A124K075(1)S
0.6
3
0039
0099
0159
0219
2070
3070
4070
0.15
A
5
T222A154J075(1)S
0.6
3
1040
1100
1160
1220
2071
3071
4071
0.15
A
10
T222A154K075(1)S
0.6
3
0040
0100
0160
0220
2072
3072
4072
0.18
A
5
T222A184J075(1)S
0.6
3
1041
1101
1161
1221
2073
3073
4073
0.18
A
10
T222A184K075(1)S
0.6
3
0041
0101
0161
0221
2074
3074
4074
0.22
B
5
T222B224J075(1)S
0.6
3
1042
1102
1162
1222
2075
3075
4075
0.22
B
10
T222B224K075(1)S
0.6
3
0042
0102
0162
0222
2076
3076
4076
0.27
B
5
T222B274J075(1)S
0.6
3
1043
1103
1163
1223
2077
3077
4077
0.27
B
10
T222B274K075(1)S
0.6
3
0043
0103
0163
0223
2078
3078
4078
0.33
B
5
T222B334J075(1)S
0.6
3
1044
1104
1164
1224
2079
3079
4079
0.33
B
10
T222B334K075(1)S
0.6
3
0044
0104
0164
0224
2080
3080
4080
0.39
B
5
T222B394J075(1)S
0.6
3
1045
1105
1165
1225
2081
3081
4081
0.39
B
10
T222B394K075(1)S
0.6
3
0045
0105
0165
0225
2082
3082
4082
0.47
B
5
T222B474J075(1)S
0.6
3
1046
1106
1166
1226
2083
3083
4083
0.47
B
10
T222B474K075(1)S
0.6
3
0046
0106
0166
0226
2084
3084
4084
0.56
B
5
T222B564J075(1)S
0.6
3
1047
1107
1167
1227
2085
3085
4085
0.56
B
10
T222B564K075(1)S
0.6
3
0047
0107
0167
0227
2086
3086
4086
0.68
B
5
T222B684J075(1)S
0.6
3
1048
1108
1168
1228
2087
3087
4087
0.68
B
10
T222B684K075(1)S
0.6
3
0048
0108
0168
0228
2088
3088
4088
0.82
B
5
T222B824J075(1)S
0.7
3
1049
1109
1169
1229
2089
3089
4089
0.82
B
10
T222B824K075(1)S
0.7
3
0049
0109
0169
0229
2090
3090
4090
1.0
B
5
T222B105J075(1)S
0.9
3
1050
1110
1170
1230
2091
3091
4091
1.0
B
10
T222B105K075(1)S
0.9
3
0050
0110
0170
0230
2092
3092
4092
1.2
B
5
T222B125J075(1)S
0.9
3
1051
1111
1171
1231
2093
3093
4093
1.2
B
10
T222B125K075(1)S
0.9
3
0051
0111
0171
0231
2094
3094
4094
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T222 SERIES — POLAR MINIATURE (CSR09)
26
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/2D
EXPONENTIAL
MIL-PRF-39003/2D
GRADED
(1) To complete Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 24.
Bold Face lines indicate popular part types and values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com