Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z02 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48Z02
Description  5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48Z02_10 Datasheet HTML 12Page - STMicroelectronics M48Z02_10 Datasheet HTML 13Page - STMicroelectronics M48Z02_10 Datasheet HTML 14Page - STMicroelectronics M48Z02_10 Datasheet HTML 15Page - STMicroelectronics M48Z02_10 Datasheet HTML 16Page - STMicroelectronics M48Z02_10 Datasheet HTML 17Page - STMicroelectronics M48Z02_10 Datasheet HTML 18Page - STMicroelectronics M48Z02_10 Datasheet HTML 19Page - STMicroelectronics M48Z02_10 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DC and AC parameters
M48Z02, M48Z12
16/21
Doc ID 2420 Rev 7
Table 9.
Power down/up AC characteristics
Table 10.
Power down/up trip points DC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where
noted).
Min
Max
Unit
tPD
E or W at VIH before power down
0
-
µs
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring
until 200 µs after VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
-
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
-
µs
tR
VPFD (min) to VPFD (max) VCC rise time
0
-
µs
tRB
VSS to VPFD (min) VCC rise time
1
-
µs
tREC
E or W at VIH after power up
2
-
ms
Symbol
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where
noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48Z02
4.5
4.6
4.75
V
M48Z12
4.2
4.3
4.5
V
VSO
Battery backup switchover voltage
3.0
V
tDR
(3)
3.
At 25 °C, VCC = 0 V.
Expected data retention time
10
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com