Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z02 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48Z02
Description  5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48Z02_10 Datasheet HTML 13Page - STMicroelectronics M48Z02_10 Datasheet HTML 14Page - STMicroelectronics M48Z02_10 Datasheet HTML 15Page - STMicroelectronics M48Z02_10 Datasheet HTML 16Page - STMicroelectronics M48Z02_10 Datasheet HTML 17Page - STMicroelectronics M48Z02_10 Datasheet HTML 18Page - STMicroelectronics M48Z02_10 Datasheet HTML 19Page - STMicroelectronics M48Z02_10 Datasheet HTML 20Page - STMicroelectronics M48Z02_10 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
M48Z02, M48Z12
20/21
Doc ID 2420 Rev 7
8
Revision history
Table 13.
Document revision history
Date
Revision
Changes
May-1999
1
First issue
09-Jul-2001
2
Reformatted; temperature information added to tables (Table 5, 6, 7, 8,
3, 4, 9, 10); Figure updated (Figure 10)
17-Dec-2001
2.1
Remove references to “clock” in document
20-May-2002
2.2
Updated VCC noise and negative going transients text
01-Apr-2003
3
v2.2 template applied; test condition updated (Table 10)
22-Apr-2003
3.1
Fix error in ordering information (Table 12)
12-Dec-2005
4
Update template, Lead-free text, and remove references to ‘crystal’ and
footnote (Table 8, 12)
02-Nov-2007
5
Reformatted document; added lead-free second level interconnect
information to cover page and Section 5: Package mechanical data;
updated Table 5, 6, 8, 9, 10, 12.
03-Dec-2008
6
Added Section 7: Environmental information; minor formatting changes.
27-May-2010
7
Updated Section 3, Table 11, text in Section 5; reformatted document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com