Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z512AV
Description  4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z512AV Datasheet HTML 1Page - STMicroelectronics M48Z512AV Datasheet HTML 2Page - STMicroelectronics M48Z512AV Datasheet HTML 3Page - STMicroelectronics M48Z512AV Datasheet HTML 4Page - STMicroelectronics M48Z512AV Datasheet HTML 5Page - STMicroelectronics M48Z512AV Datasheet HTML 6Page - STMicroelectronics M48Z512AV Datasheet HTML 7Page - STMicroelectronics M48Z512AV Datasheet HTML 8Page - STMicroelectronics M48Z512AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
August 2010
Doc ID 5146 Rev 8
1/21
1
M48Z512A
M48Z512AY, M48Z512AV
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
Features
■ Integrated, ultra low power SRAM, power-fail
control circuit, and battery
■ Conventional SRAM operation; unlimited
WRITE cycles
■ 10 years of data retention in the absence of
power
■ Automatic power-fail chip deselect and WRITE
protection
■ Two WRITE protect voltages:
(VPFD = power-fail deselect voltage)
–M48Z512A:
VCC = 4.75 to 5.5 V, 4.5 V ≤ VPFD ≤ 4.75 V
–M48Z512AY:
VCC = 4.5 to 5.5 V, 4.2 V ≤ VPFD ≤ 4.5 V
–M48Z512AV:
VCC = 3.0 to 3.6 V, 2.8 V ≤ VPFD ≤ 3.0 V
M48Z512AV not for new design (see
M48Z512BV). Contact ST sales office for
availability.
■ Battery internally isolated until power is applied
■ Pin and function compatible with JEDEC
standard 512 K x 8 SRAMs
■ PMDIP32 is an ECOPACK® package
■ RoHS compliant
– Lead-free second level interconnect
Description
The M48Z512A/Y/V ZEROPOWER® RAM is a
non-volatile, 4,194,304-bit static RAM organized
as 524,288 words by 8 bits. The devices combine
an internal lithium battery, a CMOS SRAM and a
control circuit in a plastic, 32-pin DIP Module.
32
1
PMDIP32 module (PM)
www.st.com


Similar Part No. - M48Z512AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512AV STMICROELECTRONICS-M48Z512AV Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z512AV-7-PM1 STMICROELECTRONICS-M48Z512AV-7-PM1 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z512AV-7-PM6 STMICROELECTRONICS-M48Z512AV-7-PM6 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z512AV-85PM1 STMICROELECTRONICS-M48Z512AV-85PM1 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z512AV-85PM6 STMICROELECTRONICS-M48Z512AV-85PM6 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
More results

Similar Description - M48Z512AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
15-Aug-2008
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com