Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512AV Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48Z512AV
Description  4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48Z512AV Datasheet HTML 13Page - STMicroelectronics M48Z512AV Datasheet HTML 14Page - STMicroelectronics M48Z512AV Datasheet HTML 15Page - STMicroelectronics M48Z512AV Datasheet HTML 16Page - STMicroelectronics M48Z512AV Datasheet HTML 17Page - STMicroelectronics M48Z512AV Datasheet HTML 18Page - STMicroelectronics M48Z512AV Datasheet HTML 19Page - STMicroelectronics M48Z512AV Datasheet HTML 20Page - STMicroelectronics M48Z512AV Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
M48Z512A, M48Z512AY, M48Z512AV
20/21
Doc ID 5146 Rev 8
8
Revision history
Table 13.
Revision history
Date
Revision
Changes
Mar-2000
1
First issue
19-Jul-2000
1.1
M48Z12AV added
15-Jan-2001
1.2
Changed LPSRAM device (Table 2)
19-Dec-2001
2
Reformatted; added temperature information (Table 3, Table 4, Table 7,
Table 8, Table 9, and Table 10); remove chipset option from Ordering
Information (Table 12); remove reference to “clock”
08-Feb-2002
2.1
Remove 85ns speed grade (Table 3, Table 4, and Table 8)
29-May-2002
2.2
Modify reflow time and temperature footnotes (Table 5)
18-Nov-2002
2.3
Modified SMT text (Figure 1, Figure , and Table 2)
17-Sep-2003
2.4
Remove references to M68xxx (obsolete) part (Figure and Table 2);
update disclaimer
30-Nov-2004
3
Reformatted; remove extended temperature references (Table 12)
21-Dec-2004
4
Update Marketing Status for qualification, correct drawing (Figure and
Table 12)
22-Feb-2005
5
IR reflow, SO package updates (Table 5)
21-Dec-2006
6
Document reformatted.
ECOPACK package text added on coverpage.
Note 2 concerning Leaded SOIC package removed below Table 5.
Updated PMDIP32 package mechanical data in Section 5: Package
mechanical data; updated TA to include Grade 1 (0 to 70°C) and Grade
6 (-40 to 85°C).
7-Nov-2008
7
Indicated that M48Z512AV is Not for New Design; removed all
SNAPHAT® battery and SOIC package references; updated Section 5:
Package mechanical data.
02-Aug-2010
8
Updated Features, Section 3, Table 12, ECOPACK® text in Section 5;
added Section 7: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com