Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX828D2 Datasheet(PDF) 28 Page - CML Microcircuits

Part # FX828D2
Description  CTCSS/DCS/SELCALL Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX828D2 Datasheet(HTML) 28 Page - CML Microcircuits

Back Button FX828D2 Datasheet HTML 24Page - CML Microcircuits FX828D2 Datasheet HTML 25Page - CML Microcircuits FX828D2 Datasheet HTML 26Page - CML Microcircuits FX828D2 Datasheet HTML 27Page - CML Microcircuits FX828D2 Datasheet HTML 28Page - CML Microcircuits FX828D2 Datasheet HTML 29Page - CML Microcircuits FX828D2 Datasheet HTML 30Page - CML Microcircuits FX828D2 Datasheet HTML 31Page - CML Microcircuits FX828D2 Datasheet HTML 32Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CTCSS/DCS/SELCALL Processor
FX828
© 2009 CML Microsystems Plc
28
D/828/4
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz
Audio Level 0dB ref = 308mVrms at 1kHz
VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Composite Signal = 308mVrms at 1kHz + 75mVrms Noise + 31mVrms Sub-Audio Signal
Noise Bandwidth = 5kHz Band Limited Gaussian
Notes
Min.
Typ.
Max.
Units
DC Parameters
At VDD = 3.3V
IDD (all powersaved)
2
-
0.5
1.0
mA
IDD (FAST DETECT Enabled)
2
-
0.7
2.5
mA
IDD (Rx Operating - DCS, FAST DETECT and
CTCSS or Selcall)
2
-
1.0
4.5
mA
IDD (Tx Operating - DCS or Selcall or SUB
AUDIO)
2
-
0.7
3.0
mA
IDD (Tx Operating - DCS and Selcall)
2
-
0.8
4.0
mA
At VDD = 5V
IDD (all powersaved)
2
-
1.0
1.5
mA
IDD (FAST DETECT Enabled)
2
-
1.1
4.5
mA
IDD (Rx Operating - DCS, FAST DETECT and
CTCSS or Selcall)
2
-
1.7
7.5
mA
IDD (Tx Operating - DCS or Selcall or SUB
AUDIO)
2
-
1.2
6.0
mA
IDD (Tx Operating - DCS and Selcall)
2
-
1.3
6.5
mA
"C-BUS" Interface
Input Logic "1"
70%
-
-
VDD
Input Logic "0"
-
-
30%
VDD
Input Leakage Current (Logic "1" or "0")
-1.0
-
1.0
µA
Input Capacitance
-
-
7.5
pF
Output Logic "1" (IOH = 120µA)
90%
-
-
VDD
Output Logic "0" (IOL = 360µA)
-
-
10%
VDD
"Off" State Leakage Current (Vout = VDD)
6
-
-
10
µA
AC Parameters
TONE Decoder
Sensitivity
(Pure Tone)
5
-
-26.0
-
dB
CTCSS
Response Time
(Composite Signal)
-
140
-
ms
De-response Time
(Composite Signal)
-
145
-
ms
Frequency Range
60
-
253
Hz
SELCALL
Response Time
(Good Signal)
-
14
-
ms
De-response Time
(Good Signal)
-
22
-
ms
Frequency Range
625
-
3000
Hz
DCS Decoder
Bit-Rate Sync Time
-
2
-
edges
Sensitivity
1
58
-
116
mVp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com