Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6015 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP6015 Datasheet HTML 1Page - Diodes Incorporated AP6015 Datasheet HTML 2Page - Diodes Incorporated AP6015 Datasheet HTML 3Page - Diodes Incorporated AP6015 Datasheet HTML 4Page - Diodes Incorporated AP6015 Datasheet HTML 5Page - Diodes Incorporated AP6015 Datasheet HTML 6Page - Diodes Incorporated AP6015 Datasheet HTML 7Page - Diodes Incorporated AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
5 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Continued)
Over recommended operating free-air temperature range, VI=3.6V, VO=2.5V, IO=300 mA, EN=VIN. (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
Power switch and current limit
RDS(on)
P-channel MOSFET on-resistance
VI=VGS=3.6V; I=200mA
200
280
410
m
Ω
VI=VGS=2V; I=200mA
-
480
-
P-channel leakage current
VDS=5.5V
-
-
1
μA
N-channel MOSFET on-resistance
VI=VGS=3.6V; IO=200mA
200
280
410
m
Ω
VI=VGS=2V; IO=200mA
-
500
-
N-channel leakage current
VDS=5.5V
-
-
1
μA
I(LIM)
P-channel current limit
2.5V
≤V
I≤5.5V
1200
-
1600
mA
Power good output (see Note 5)
V(PG)
Power good threshold
Feedback voltage falling
88%
VO
92%
VO
94%
VO
V
Power good hysteresis
2.5% VO
VOL
PG output low voltage
V(FB)=0.8×VO nominal;
I(sink)=10μA
-
-
0.3
V
ILKG
PG output leakage current
V(FB)=VO nominal
0.01
1
μA
Minimum supply voltage for valid
power good signal
1.2
-
-
V
Oscillator
FS
Oscillator frequency
800
1000
1200
KHz
Output
VO
Adjustable output voltage range
0.8
5.5
V
VREF
Reference voltage
0.784
0.8
0.816
V
VO
Fixed output
voltage
(see Note 6)
AP6015-Adj
VI=2.5V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
V
AP6015-1.8V
10mA
≤ I
O ≤ 800mA
-3%
-
3%
AP6015-2.5V
VI=2.7V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
10mA
≤ I
O ≤ 800mA
-3%
-
3%
AP6015-3.3V
VI=3.6V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
10mA
≤ I
O ≤ 800mA
-3%
-
3%
Line regulation
VI= VO +0.5V (min.2V)
to 6.0V; IO=10mA
0.3
%/V
Load regulation
VI=5.0V;
IO=10mA to 800mA
0.8
%
η
Efficiency
VI=5V; VO=3.3V; IO=300mA
94
%
VI=3.6V; VO=2.5V; IO=200mA
Start-up time
IO=0mA, time from
active EN to VO
0.4
1
4
ms
θ
JA
Thermal Resistance
Junction-to-Ambient
MSOP-10L (Note 7)
161
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
MSOP-10L (Note 7)
39
oC/W
Notes:
5. Power good is not valid for the first 100
μs after EN goes high. Please refer to the application section for more information.
6. The output voltage accuracy includes line and load regulation over the full temperature range.
7. Test condition for MSOP-10L: Device mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with thermal vias,
double sided FR-4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com