Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP6015 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP6015 Datasheet HTML 6Page - Diodes Incorporated AP6015 Datasheet HTML 7Page - Diodes Incorporated AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated AP6015 Datasheet HTML 10Page - Diodes Incorporated AP6015 Datasheet HTML 11Page - Diodes Incorporated AP6015 Datasheet HTML 12Page - Diodes Incorporated AP6015 Datasheet HTML 13Page - Diodes Incorporated AP6015 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
10 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Dropout Voltage vs. Load Current
(Vout=2.5V)
0
50
100
150
200
250
300
350
400
0
100 200 300 400 500 600 700 800
Load Current (mA)
Dropout Voltage vs. Load Current
(Vout=3.3V)
0
50
100
150
200
250
300
350
400
0
100 200
300
400 500
600 700
800
Load Current (mA)
Figure 13
Figure 14
Output Ripple
Output Ripple
Figure 15
Figure 16
Typical Operating Characteristics
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com