Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP7365 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7365
Description  600mA, Low Quiescent Current, Fast Transient
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7365 Datasheet HTML 1Page - Diodes Incorporated AP7365 Datasheet HTML 2Page - Diodes Incorporated AP7365 Datasheet HTML 3Page - Diodes Incorporated AP7365 Datasheet HTML 4Page - Diodes Incorporated AP7365 Datasheet HTML 5Page - Diodes Incorporated AP7365 Datasheet HTML 6Page - Diodes Incorporated AP7365 Datasheet HTML 7Page - Diodes Incorporated AP7365 Datasheet HTML 8Page - Diodes Incorporated AP7365 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 2 - 2
1 of 20
www.diodes.com
September 2010
© Diodes Incorporated
Description
The AP7365 is a 600mA, adjustable and fixed output voltage,
low dropout linear regulator. The device included pass
element, error amplifier, band-gap, current limit and thermal
shutdown circuitry. The device is turned on when EN pin is
set to logic high level.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for
example, battery powered devices. The typical quiescent
current is approximately 35
μA. Built-in current-limit and
thermal-shutdown functions prevent IC from damage in fault
conditions.
This device is available with adjustable output from 0.8V to
5.0V, and fixed version with 0.8V, 1.0V, 1.2V, 1.5V, 1.8V,
2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 3.9V outputs. Please
contact your local sales office for any other voltage options.
The
AP7365
is
available
in
SOT25,
SOT89/R-3L,
SOT223/R-3L, and DFN2020-6 packages.
Features
•
600mA Low Dropout Regulator with EN
•
Very low IQ: 35µA
•
Wide input voltage range: 2V to 6V
•
Wide adjustable output: 0.8V to 5.0V
•
Fixed output options: 0.8V to 3.9V (0.1V step size
possible)
•
High PSRR: 65dB at 1kHz
•
Fast start-up time: 200µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 300mV at 600mA
•
Current limit and short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85ºC
•
SOT25, SOT89/R-3L, SOT223/R-3L, DFN2020-6:
Available in “Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Servers and notebook computers
•
Low and medium power applications
•
FPGA and DSP core or I/O power
•
Consumer Electronics
Pin Assignments
SOT25 (Fixed output)
IN
EN
OUT
(Top View)
5
3
2
1
GND
NC
4
SOT25 (Adj output)
IN
EN
ADJ
OUT
(Top View)
5
4
3
2
1
GND
GND
OUT
DFN2020-6 (Fixed output)
(Top View)
4
IN
EN
NC
5
3
2
1
NC
6
GND
OUT
DFN2020-6 (Adj output)
(Top View)
4
IN
EN
NC
5
3
2
1
ADJ
6
IN
OUT
GND (TAB)
SOT89-3L (Fixed output)
(Top View)
3
2
1
OUT
GND
IN (TAB)
SOT89R-3L (Fixed output)
(Top View)
3
2
1
IN
OUT
GND (TAB)
SOT223-3L (Fixed output)
(Top View)
3
2
1
OUT
GND
IN (TAB)
SOT223R-3L (Fixed output)
(Top View)
3
2
1
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7365

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08EG-13 DIODES-AP7365-08EG-13 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08EG-7 DIODES-AP7365-08EG-7 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-13 DIODES-AP7365-08ERG-13 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7365-08ERG-7 DIODES-AP7365-08ERG-7 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
More results

Similar Description - AP7365

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com