Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K40P81M100SF2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # K40P81M100SF2
Description  K40 Sub-Family Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P81M100SF2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button K40P81M100SF2 Datasheet HTML 35Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 36Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 37Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 38Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 39Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 40Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 41Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 42Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
6.6.2 CMP and 6-bit DAC electrical specifications
Table 26. Comparator and 6-bit DAC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
VDD
Supply voltage
1.71
—
3.6
V
IDDHS
Supply current, High-speed mode (EN=1, PMODE=1,
VDDA >= VLVI_trip)
—
—
200
μA
IDDLS
Supply current, low-speed mode (EN=1, PMODE=0)
—
—
20
μA
IDDOFF
Supply current, OFF Mode (EN=0,)
—
—
100
nA
VAIN
Analog input voltage
VSS – 0.3
—
VDD
V
VAIO
Analog input offset voltage
—
—
20
mV
VH
Analog comparator hysteresis
• HYSTCTR = 00
• HYSTCTR = 01
• HYSTCTR = 10
• HYSTCTR = 11
—
—
—
—
5
10
20
30
—
—
—
—
mV
mV
mV
mV
VCMPOh
Output high
VDD – 0.5
—
—
V
VCMPOl
Output low
—
—
0.5
V
tDHS
Propagation delay, high-speed mode (EN=1,
PMODE=1)
20
50
120
ns
tDLS
Propagation delay, low-speed mode (EN=1,
PMODE=1)
120
250
420
ns
Analog comparator initialization delay
—
—
TBD
ns
IDAC6b
6-bit DAC current adder (enabled)
—
—
8
μA
INL
6-bit DAC integral non-Llnearity
–0.5
—
0.5
LSB1
DNL
6-bit DAC differential non-linearity
–0.3
—
0.3
LSB
1. 1 LSB = Vreference/64
6.6.3 12-bit DAC electrical characteristics
6.6.3.1 12-bit DAC operating requirements
Table 27. 12-bit DAC operating requirements
Symbol
Desciption
Min.
Max.
Unit
Notes
VDDA
Supply voltage
1.71
3.6
V
VDACR
Reference voltage
1.15
3.6
V
1
TA
Temperature
−40
105
°C
Table continues on the next page...
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010.
Freescale Semiconductor, Inc.
Preliminary
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com