Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5502ACBZ-P2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 12Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 13Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 14Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 15Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 16Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 17Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 18Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5502
Rev. A | Page 15 of 28
CIRCUIT DESCRIPTION
The ADL5502 employs two-stage detection. The critical aspect
of this technical approach is the concept of first stripping the
carrier to reveal the envelope and then performing the required
analog computation of rms and peak or any other aspect of the
envelope. An on-chip, 2-pole, passive low-pass filter preserves
the envelope frequencies up to 10 MHz and filters out the carrier.
This carrier filtering ensures that the carrier does not introduce
an error in the peak measurement.
The extracted envelope is further processed in two parallel
channels, one computing the rms value of the envelope and the
other transferring the envelope with appropriate scaling to the
output buffer.
RMS CIRCUIT DESCRIPTION AND FILTERING
The rms processing is done using a proprietary translinear
technique. This method is a mathematically accurate rms
computing approach and allows achieving unprecedented rms
accuracies for complex modulation signals irrespective of the
crest factor of the input signal. An integrating filter capacitor
does the square-domain averaging. The VRMS output can be
expressed as
T1
T2
dt
V
A
VRMS
T
T
IN
−
×
×
=
∫
2
1
2
Note that A is a scaling parameter that is decided on by the on-chip
resistor ratio, and there are no other scaling parameters involved in
this computation, which means that the rms output is inherently
free from any sources of error due to temperature, supply, and
process variation.
FILTERING
The on-chip rms filtering is sufficient for most common handset
applications, but an external filter capacitor can be connected
if additional filtering is required; however, this increases the
averaging time (see the Selecting the Square-Domain Filter and
Output Low-Pass Filter section). The on-chip rms filter has a
nominal corner frequency of 40 kHz. Any external capacitor
acts on a 1 kΩ resistor to yield a new corner frequency for the
rms filter (see Figure 1).
ENVELOPE PEAK-HOLD CIRCUIT
The envelope signal is processed through a peak-hold circuit,
using the gate of an NMOS device with a charge holding capacitor
connected to ground, driven by a one way charging path. This
low leakage node allows peak-hold times of >1 ms without
practically any drop in voltage. This circuit has the option of either
transferring the envelope in real-time or in the peak-hold mode
by toggling a control logic pin (CNTL). In the peak-hold mode,
the output only is updated when a peak bigger than the previous
biggest peak occurs. The PEAK output can be expressed as
()
[
] 2
1
2
1
max
T
T
IN
T
T
V
envelope
B
PEAK
×
=
where:
T1
is the time at which CNTL goes from high to low which is
followed by a time where CNTL stays low.
T2
is the time at which the PEAK measurement is taken, while
CNTL is still low. Here again the only scaling parameter involved is
a Scalar B, which is also decided on by the on-chip resistor ratio.
OUTPUT BUFFERS
A dual buffer takes in internal rms and envelope/peak signals
and gains these up accordingly before these are brought out on
the VRMS and PEAK pins. The output stage of the rms buffer is
a common source PMOS with a resistive load to provide a rail-
to-rail output. However, output stage of the PEAK buffer is an
emitter-follower NPN stage with a resistive load to provide high
speed characteristics for this output. This however limits the
maximum voltage on the PEAK output to about 1.2 V below
supply, resulting in a lower scaling factor for the PEAK signal
path. Such a stage allows fast tracking of a rising transition when a
very narrow peak is to be followed in the 10 MHz signal band-
width. It is highly recommended that capacitive loads greater
than 2 pF are avoided on the PEAK output to realize the full
bandwidth potential of the device.
Both the buffers have 100 Ω on-chip series resistances on the
output. This allows for easy low-pass filtering of the two outputs.
MEASURING THE CREST FACTOR
After proper calibration of the rms and envelope channels, the
ratio of the two outputs gives the crest factor of the signal, when
envelope output is in peak-hold mode (see the Calculation of
Crest Factor (CF) section for more details). The envelope
extraction that precedes rms and peak/envelope measurement is
common to both channels. In addition, the rms and envelope
channels share bias lines and other critical devices that are matched
between the two channels, wherever possible. This ensures that the
relative measurement between the two channels or the crest
factor measurement of the signal is more accurate than the
individual measurements of the rms value and the peak value,
although these measurements in themselves are very accurate
over temperature, supply, and process variations as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com