Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN26D0UT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN26D0UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN26D0UT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN26D0UT Datasheet HTML 1Page - Diodes Incorporated DMN26D0UT Datasheet HTML 2Page - Diodes Incorporated DMN26D0UT Datasheet HTML 3Page - Diodes Incorporated DMN26D0UT Datasheet HTML 4Page - Diodes Incorporated DMN26D0UT Datasheet HTML 5Page - Diodes Incorporated DMN26D0UT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN26D0UT
Document number: DS31854 Rev. 2 - 2
2 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN26D0UT
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
@ TC = 25°C
IDSS
500
nA
VDS = 20V, VGS = 0V
Gate-Body Leakage
IGSS
±1
±500
±100
μA
nA
nA
VGS = ±10V, VDS = 0V
VGS = ±8V, VDS = 0V
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
1.8
2.4
2.9
3.7
5.4
3.0
4.0
6.0
10.0
15.0
Ω
VGS = 4.5V, ID = 100mA
VGS = 2.5V, ID = 50mA
VGS = 1.8V, ID = 20mA
VGS = 1.5V, ID = 10mA
VGS = 1.2V, ID = 1mA
Forward Transconductance
|Yfs|
242
mS
VDS =10V, ID = 0.1A
Source-Drain Diode Forward Voltage
VSD
0.5
1.0
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
14.1
pF
VDS = 15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
2.9
pF
Reverse Transfer Capacitance
Crss
1.6
pF
SWITCHING CHARACTERISTICS, VGS = 4.5V (Note 5)
Turn-On Delay Time
td(on)
3.8
ns
VGS = 4.5V, VDD = 10V
ID = 200mA, RG = 2.0Ω
Rise Time
tr
7.9
Turn-Off Delay Time
td(off)
13.4
Fall Time
tf
15.2
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. Switching characteristics are independent of operating junction temperature.
0
0.5
1
1.5
2
2.5
3
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
= 2.0V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8V
GS
V
= 2.5V
GS
V
= 1.5V
GS
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
0
0.1
0.2
0.3
0.4
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com