Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2041LSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2041LSD
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2041LSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2041LSD Datasheet HTML 1Page - Diodes Incorporated DMN2041LSD Datasheet HTML 2Page - Diodes Incorporated DMN2041LSD Datasheet HTML 3Page - Diodes Incorporated DMN2041LSD Datasheet HTML 4Page - Diodes Incorporated DMN2041LSD Datasheet HTML 5Page - Diodes Incorporated DMN2041LSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2041LSD
Document number: DS31964 Rev. 2 - 2
4 of 6
www.diodes.com
October 2009
© Diodes Incorporated
DMN2041LSD
0
5
10
15
20
Fig. 9 Typical Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
f = 1MHz
Ciss
Coss
Crss
Fig. 10 Typical Drain-Source Leakage Current
vs. Drain-Source Voltage
2
4
6
8
10
12
14
16
18
20
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 11 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 111°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.1
Ordering Information (Note 7)
Part Number
Case
Packaging
DMN2041LSD-13
SO-8
2500/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
( Top View )
Logo
Part no.
Year: “09” = 2009
Xth week: 01~52
1
4
8
5
N2041LD
YY WW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com