Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR431LC01STOB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZR431LC01STOB
Description  Adjustable precision shunt regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431LC01STOB Datasheet(HTML) 2 Page - Diodes Incorporated

  ZR431LC01STOB Datasheet HTML 1Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 2Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 3Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 4Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 5Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 6Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 7Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 8Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZR431L
Issue 3 - April 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Power dissipation (at Tamb = 25°C unless otherwise stated)
Recommended operating conditions
Parameter
Symbol
Limit
Unit
Cathode voltage
VZ
10
V
Cathode current
50
mA
Storage temperature
TSTG
-55 to 105
°C
Junction temperature
TJ
-40 to 125
°C
Package
Value
Unit
SOT23
330
mW
Parameter
Min.
Max.
Cathode voltage
VREF
10V
Cathode current
100 A25mA
Operating temperature
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com