Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR431LC01STOB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZR431LC01STOB
Description  Adjustable precision shunt regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431LC01STOB Datasheet(HTML) 4 Page - Diodes Incorporated

  ZR431LC01STOB Datasheet HTML 1Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 2Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 3Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 4Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 5Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 6Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 7Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 8Page - Diodes Incorporated ZR431LC01STOB Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZR431L
Issue 3 - April 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
DC Test circuits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reference Voltage
2.5%
1.0%
Vref
Vref
1.209
1.228
1.24
1.24
1.271
1.252
V
V
IL = 10mA (Fig1), VZ = Vref
Deviation of Reference
Input Voltage over
Temperature
Vdev
4.0
8.0
mV
IL = 10mA, VZ = Vref
Ta = full range (Fig 1)
Ratio of the change in
Reference Voltage to the
change in Cathode
Voltage)
0.5
2.0
mV/V
VZ from Vref to 10V
IZ = 10mA (Fig2)
Reference Input Current
Iref
0.02
0.11
0.4
A
R1 = 10k, R2 = O/C,
lL = 10mA (fig2)
Deviation of Reference
Input Current over
Temperature
Iref
0.02
0.2
A
R1 = 10k, R2 = O/C,
IL = 10mA Ta = full
range (Fig2)
Minimum Cathode
Current for Regulation
IZmin
30
100
A
Off-state Current
IZoff
10
30
AVZ = 10V, Vref = 0V
(Fig3)
Dynamic Output
Impedance
RZ
0.25
2
Ω
VZ = Vref(Fig1), f = 0Hz,
IL = 10mA
Fig 1 - Test Circuit for VZ = Vref Fig 2 - Test Circuit for VZ > Vref Fig 3 - Test Circuit for Off State
current
Z
ref
V
V
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com