Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34704 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34704
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Battery Input Supply Voltage (VIN) Pin
PVINx, RST, ONOFF, LION, DRV7(8), VG, SCL, SDA and VOUT1-5 Pins
VDDI, COMPx, FBx, VREF7(8), FREQ, and SS Pins
VIN
-0.3 to 6.0
-0.3 to 6.0
-0.3 to 3.0
V
SW1-5 Pins
VSW-LOW
-1.0 to 6.0
V
SW8, SW6(8) Pins
VSW-HIGH
-1.0 to 27
V
BTx Pins (Referenced to switch node)
VBT-VSW
-0.3 to 6.0
V
BTx Pins to GND
VBT
-0.3 to 27
V
VOUT8, VOUT6(8) Pins
VOUT-HIGH
-0.3 to 27
V
VOUT7 Pin(8)
VOUT-NEG
-10.0 to 0.3
V
Continuous Output Current
REG1(8)
REG2,5
REG3
REG4
REG6,7(8)
REG8
500
500
550
300
60
30
mA
ESD Voltage
Human Body Model
Charge Device Model
VESD1
VESD2
±1000
±500
V
THERMAL RATINGS
Maximum Junction Temperature
TJ(MAX)
+150
°C
Storage Temperature
TSTG
-65 to +150
°C
Maximum Power Dissipation (TA = 85°C)
PD
2.5
W
THERMAL RESISTANCE(7)
Thermal Resistance
Junction to Ambient
Junction to Board
RΘJA
RΘJB
26
10
°C/W
Peak Package Reflow Temperature During Reflow(5),(6)
TPPRT
Note 6
°C
Notes
4.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
7.
Thermal Resistance is based on a four-layer board (2s2p)
8.
Available only on the 34704A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com