Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2292 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2292
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2292 Datasheet HTML 1Page - Micrel Semiconductor MIC2292 Datasheet HTML 2Page - Micrel Semiconductor MIC2292 Datasheet HTML 3Page - Micrel Semiconductor MIC2292 Datasheet HTML 4Page - Micrel Semiconductor MIC2292 Datasheet HTML 5Page - Micrel Semiconductor MIC2292 Datasheet HTML 6Page - Micrel Semiconductor MIC2292 Datasheet HTML 7Page - Micrel Semiconductor MIC2292 Datasheet HTML 8Page - Micrel Semiconductor MIC2292 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
July 2005
5
M9999-070105
MIC2292/93
Micrel, Inc.
Functional Description
The MIC2292/93 is a constant frequency, PWM current mode
boost regulator. The block diagram is shown above. The
MIC2292/93iscomposedofanoscillator,slopecompensation
ramp generator, current amplifier, gm error amplifier, PWM
generator, 500mA bipolar output transistor, and Schottky
rectifier diode.The oscillator generates a 1.6MHz clock for the
MIC2292 and a 2.0MHz clock for the MIC2293. The clocks'
two functions are to trigger the PWM generator that turns on
the output transistor and to reset the slope compensation
ramp generator. The current amplifier is used to measure
the switch current by amplifying the voltage signal from the
internal sense resistor. The output of the current amplifier
is summed with the output of the slope compensation ramp
generator. This summed current-loop signal is fed to one of
the inputs of the PWM generator.
Functional Diagram
MIC2292/93 Block Diagram
The gm error amplifier measures the LED current through the
external sense resistor and amplifies the error between the
detected signal and the 95mV reference voltage. The output
of the gm error amplifier provides the voltage-loop signal
that is fed to the other input of the PWM generator. When
the current-loop signal exceeds the voltage-loop signal, the
PWM generator turns off the bipolar output transistor. The
next clock period initiates the next switching cycle, maintain-
ing the constant frequency current-mode PWM control. The
LED is set by the feedback resistor:
ILED =
95mv
RFB
The Enable pin shuts down the output switching and disables
control circuitry to reduce input current to leakage levels.
Enable pin input current is zero at zero volts.
GND
VREF
PWM
Generator
Ramp
Generator
2.0MHz
Oscillator
SW
EN
FB
OUT
VIN
95mV
gm
OVP*
S
1.6MHz
or



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com