Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2292 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2292
Description  High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2292 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2292 Datasheet HTML 1Page - Micrel Semiconductor MIC2292 Datasheet HTML 2Page - Micrel Semiconductor MIC2292 Datasheet HTML 3Page - Micrel Semiconductor MIC2292 Datasheet HTML 4Page - Micrel Semiconductor MIC2292 Datasheet HTML 5Page - Micrel Semiconductor MIC2292 Datasheet HTML 6Page - Micrel Semiconductor MIC2292 Datasheet HTML 7Page - Micrel Semiconductor MIC2292 Datasheet HTML 8Page - Micrel Semiconductor MIC2292 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2005
1
M9999-070105
MIC2292/93
Micrel, Inc.
MIC2292/93
High Frequency PWM White LED Drivers with
Internal Schottky Diode and OVP
General Description
The MIC2292 and MIC2293 are high frequency, Pulse Width
Modulator (PWM) boost regulators optimized for constant-
current, white LED driver applications. Because of their
constant PWM switching frequencies of 1.6MHz and 2MHz,
respectively, the MIC2292/93 can use the smallest external
components, allowing designers to avoid sensitive IF bands
in their RF applications.
The products feature an internal Schottky diode and two
levels of output overvoltage protection allowing a small size
and efficient DC/DC solution that requires only four external
components.
The 2.5V to 10V input voltage range of MIC2292/3
allows direct operation from 1- and 2-cell Li Ion as well as
3- to 4-cell NiCad/NiMH/Alkaline batteries. The MIC2292/3
products are available in a small size 2mm × 2mm 8-lead
MLF™ package and have a junction temperature range of
–40°C to +125°C.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
1.6MHz PWM White LED Driver with 15V OVP
Features
• 2.5V to 10V input voltage
• Output voltage up to 34V
• Internal Schottky diode
• 1.6MHz PWM operation (MIC2292)
• 2.0MHz PWM operation (MIC2293)
• Stable with ceramic capacitors
• 15V and 34V output overvoltage protection options
• 500mA switch current rating
• 95mV feedback voltage
• <1% line and load regulation
• <1µA shutdown current
• Over-temperature protection
• UVLO
• 8-lead (2mm × 2mm) MLF™package
• –40°C to +125°C junction temperature range
Applications
• White LED driver for backlighting
– Cell phones
– PDAs
– GPS systems
– Digital cameras
– MP3 players
– IP phones
• Constant current power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
2MHz PWM White LED Driver with 15V OVP
15µH
0.22µF
16V
6.3Ω
95mV
Li Ion
1µF
MIC2292-15BML
VIN
EN
SW
FB
GND
OUT
10µH
0.22µF
16V
6.3Ω
95mV
Li Ion
1µF
MIC2293-15BML
VIN
EN
SW
FB
GND
OUT


Similar Part No. - MIC2292

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
349Kb / 10P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292-15BML MICREL-MIC2292-15BML Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292-15YML MICREL-MIC2292-15YML Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292-34BML MICREL-MIC2292-34BML Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
More results

Similar Description - MIC2292

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3289_0706 MICREL-MIC3289_0706 Datasheet
613Kb / 16P
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control
MIC2289 MICREL-MIC2289_11 Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com