Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC39152WU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC39152WU
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39152WU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC39152WU Datasheet HTML 1Page - Micrel Semiconductor MIC39152WU Datasheet HTML 2Page - Micrel Semiconductor MIC39152WU Datasheet HTML 3Page - Micrel Semiconductor MIC39152WU Datasheet HTML 4Page - Micrel Semiconductor MIC39152WU Datasheet HTML 5Page - Micrel Semiconductor MIC39152WU Datasheet HTML 6Page - Micrel Semiconductor MIC39152WU Datasheet HTML 7Page - Micrel Semiconductor MIC39152WU Datasheet HTML 8Page - Micrel Semiconductor MIC39152WU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
5
M9999-102309-A
Symbol
Parameter
Condition
Min
Typ
Max
Units
Reference (Adjust Pin) – MIC39152 Only
1.228
1.240
1.252
V
VADJ
Reference Voltage
1.215
1.265
V
VTC
Reference Voltage Temperature
Coefficient
Note 11
20
ppm/
°C
40
80
nA
IADJ
Adjust Pin Bias Current
120
nA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. PD(max) = (TJ(max) – TA) ÷ θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
5. Specification for packaged product only.
6. Output voltage temperature coefficient is ∆VOUT(worst case) ÷ (TJ(max) – TJ(min)) where T J(max) is +125°C and TJ(min) is –40°C.
7. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V, dropout voltage is
the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V.
8. IGND is the quiescent current. IIN = IGND + IOUT.
9. VEN ≤ 0.8V, VIN ≤ 8V, and VOUT = 0V.
10. For a 2.5V device, VIN = 2.250V (device is in dropout).
11. Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at VIN = 8V for t = 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com