Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC39152WU Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC39152WU
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39152WU Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC39152WU Datasheet HTML 6Page - Micrel Semiconductor MIC39152WU Datasheet HTML 7Page - Micrel Semiconductor MIC39152WU Datasheet HTML 8Page - Micrel Semiconductor MIC39152WU Datasheet HTML 9Page - Micrel Semiconductor MIC39152WU Datasheet HTML 10Page - Micrel Semiconductor MIC39152WU Datasheet HTML 11Page - Micrel Semiconductor MIC39152WU Datasheet HTML 12Page - Micrel Semiconductor MIC39152WU Datasheet HTML 13Page - Micrel Semiconductor MIC39152WU Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
10
M9999-102309-A
Application Information
The MIC39150/1/2 are high-performance, low-dropout
voltage regulators suitable for moderate to high-current
voltage regulator applications. Its 500mV dropout
voltage at full load and overtemperature makes it
especially valuable in battery-powered systems and as
high-efficiency noise filters in post-regulator applications.
Unlike older NPN-pass transistor designs, where the
minimum dropout voltage is limited by the base-to-
emitter voltage drop and collector-to-emitter saturation
voltage, dropout performance of the PNP output of these
devices is limited only by the low VCE saturation voltage.
A trade-off for the low dropout voltage is a varying base
drive requirement. Micrel’s Super βeta PNP
® process
reduces this drive requirement to only 2% to 5% of the
load current. The MIC39150/1/2 regulators are fully
protected from damage due to fault conditions. Current
limiting is provided. This limiting is linear; output current
during
overload
conditions
is
constant.
Thermal
shutdown disables the device when the die temperature
exceeds the maximum safe operating temperature.
Transient protection allows device (and load) survival
even when the input voltage spikes above and below
nominal. The output structure of these regulators allows
voltages in excess of the desired output voltage to be
applied without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
• Maximum ambient temperature (TA)
• Output Current (IOUT)
• Output Voltage (VOUT)
• Input Voltage (VIN)
• Ground Current (IGND)
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from this
datasheet.
GND
IN
OUT
OUT
IN
D
I
V
I
)
V
(V
P
+
−
=
where the ground current is approximated by using
numbers from the “Electrical Characteristics” or “Typical
Characteristics.” Then the heat sink thermal resistance is
determined with this formula:
()
CS
JC
D
A
J(max)
SA
θ
θ
P
T
T
θ
+
−
−
=
Where TJ(max) ≤ 125°C and θCS is between 0° and 2°C/W.
The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low dropout properties of Micrel Super
βeta PNP
® regulators allow significant reductions in
regulator power dissipation and the associated heat sink
without compromising performance. When this technique
is employed, a capacitor of at least 1µF is needed
directly between the input and regulator ground.
Refer to Application Note 9 for further details and
examples on thermal design and heat sink specification.
With no heat sink in the application, calculate the
junction temperature to determine the maximum power
dissipation that will be allowed before exceeding the
maximum junction temperature of the MIC39152. The
maximum power allowed can be calculated using the
thermal resistance (θJA) of the TO-252 (D-Pak) adhering
to the following criteria for the PCB design: 2 oz. copper
and 100mm
2 copper area for the MIC39152.
For example, given an expected maximum ambient
temperature (TA) of 75°C with VIN = 2.25V, VOUT = 1.75V,
and IOUT = 1.5A, first calculate the expected PD using
Equation (1);
PD = (2.25V – 1.75V)1.5A + (2.25V)(0.017A) = 0.788W
Next, calcualte the junction temperature for the expected
power dissipation.
TJ = (θJA × PD) + TA = (56°C/W × 0.788W) + 75°C
= 119.14
°C
Now determine the maximum power dissipation allowed
that would not exceed the IC’s maximum junction
temperature (125
°C) without the use of a heat sink by
PD(MAX) = (TJ(MAX) – TA)/θJA = (125°C – 75°C)/(56°C/W)
= 0.893W
MIC39150-x.x
IN
OUT
GND
CIN
COUT
VIN
VOUT
Figure 1. Capacitor Requirements
Output Capacitor
The MIC39150/1/2 requires an output capacitor to
maintain stability and improve transient response. See
Figure 1. Proper capacitor selection is important to
ensure proper operation. TheMIC39150/1/2 output
capacitor selection is dependent upon the ESR
(equivalent series resistance) of the output capacitor to
maintain stability. When the output capacitor is 10µF or
greater, the output capacitor should have an ESR less
than 2Ω. This will improve transient response as well as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com