Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY89823LHC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89823LHC
Description  3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89823LHC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89823LHC Datasheet HTML 1Page - Micrel Semiconductor SY89823LHC Datasheet HTML 2Page - Micrel Semiconductor SY89823LHC Datasheet HTML 3Page - Micrel Semiconductor SY89823LHC Datasheet HTML 4Page - Micrel Semiconductor SY89823LHC Datasheet HTML 5Page - Micrel Semiconductor SY89823LHC Datasheet HTML 6Page - Micrel Semiconductor SY89823LHC Datasheet HTML 7Page - Micrel Semiconductor SY89823LHC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Precision Edge®
SY89823L
Micrel, Inc.
M9999-091908
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
VCCO
NC
NC
VCCI
HSTL_CLK
/HSTL_CLK
CLK_SEL
LVPECL_CLK
/LVPECL_CLK
GND
OE
NC
NC
/Q21
Q21
VCCO
VCCO
Q7
/Q7
Q8
/Q8
Q9
/Q9
Q10
/Q10
Q11
/Q11
Q12
/Q12
Q13
/Q13
VCCO
64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64-Pin EPAD-TQFP (H64-1)
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
5, 6
HSTL_CLK,
HSTL
Differential clock input selected by CLK_SEL. Can be left floating if not selected. Floating
/HSTL_CLK
Input
input, if selected, produces an indeterminate output. HSTL input signal requires external
termination 50
Ω to GND.
8, 9
LVPECL_CLK,
LVPECL
Differential clock input selected by CLK_SEL. Can be left floating. Floating input, if
/LVPECL_CLK
Input
selected, produces a LOW at the output. Requires external termination. 75k
Ω pull-up.
7
CLK_SEL
LVTTL
Selects HSTL_CLK input when LOW and LVPECL_CLK output when HIGH. 11k
Ω
Input
pull-up. Default condition selects LVPECL_CLK if left open.
11
OE
LVTTL
Enable input synchronized internally to prevent glitching of the Q0-Q21 and /Q0–/Q21
Input
outputs. Must be a minimum of three clock periods wide if synchronous with the CLK
inputs and must meet the t
S and tH requirements (refer to “AC Electrical Characteristics”
section). If asynchronous, must be a minimum of four clock periods wide. 11k
Ω pull-up.
63, 61, 59, 57, 55, 53
Q0–Q21
HSTL
Differential clock outputs from HSTL_CLK when CLK_SEL = LOW and LVPECL outputs
51, 47, 45, 43, 41, 39
Output
when CLK_SEL = HIGH. HSTL outputs must be terminated with 50
Ω to GND. Q0–Q21
37, 35, 31, 29, 27
outputs are static LOW when OE = LOW. Unused output pairs may be left floating.
25, 23, 21, 19, 15
62, 60, 58, 56, 54, 52
/Q0–/Q21
HSTL
Differential clock outputs from HSTL_CLK when CLK_SEL = LOW and LVPECL outputs
50, 46, 44, 42, 40, 38
Output
when CLK_SEL = HIGH. HSTL outputs must be terminated with 50
Ω to GND. /Q0–/Q21
36, 34, 30, 28, 26
outputs are static HIGH when OE = LOW. Unused output pairs may be left floating.
24, 22, 20, 18, 14
4
VCCI
VCC Core
Core V
CC connected to 3.3V supply. Bypass with 0.1µF in parallel with Power 0.01µF
low ESR capacitors as close to V
CCI pins as possible.
1, 16, 17, 32,
VCCO
VCC Output
Output Buffer V
CC connected to 1.8V supply. Bypass with 0.1µF in parallel with 0.01µF
33, 48, 49, 64
Power
low ESR capacitors as close to V
CCO pin as possible. All VCCO pins should be
connected together on the PCB.
10
GND,
Ground pin and exposed pad must be connected to the same ground plane.
Exposed Pad
2, 3, 12, 13
NC
No Connect.
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89823LHC
H64-1
Commercial
SY89823LHC
Sn-Pb
SY89823LHCTR(2)
H64-1
Commercial
SY89823LHC
Sn-Pb
SY89823LHZ(3)
H64-1
Commercial
SY89823LHZ with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
SY89823LHZTR(2, 3)
H64-1
Commercial
SY89823LHZ with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
SY89823LHI
H64-1
Industrial
SY89823LHI with
Sn-Pb
Pb-Free bar-line indicator
SY89823LHITR(2, 3)
H64-1
Industrial
SY89823LHI with
Sn-Pb
Pb-Free bar-line indicator
SY89823LHY(3)
H64-1
Industrial
SY89823LHY with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
SY89823LHYTR(2, 3)
H64-1
Industrial
SY89823LHY with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com