Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY89823LHC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89823LHC
Description  3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89823LHC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89823LHC Datasheet HTML 1Page - Micrel Semiconductor SY89823LHC Datasheet HTML 2Page - Micrel Semiconductor SY89823LHC Datasheet HTML 3Page - Micrel Semiconductor SY89823LHC Datasheet HTML 4Page - Micrel Semiconductor SY89823LHC Datasheet HTML 5Page - Micrel Semiconductor SY89823LHC Datasheet HTML 6Page - Micrel Semiconductor SY89823LHC Datasheet HTML 7Page - Micrel Semiconductor SY89823LHC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Precision Edge®
SY89823L
Micrel, Inc.
M9999-091908
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS(5)
LVCMOS/LVTTL V
CCI = 3.3V ± 5%; VCCO = 1.8V ± 10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
——
V
V
IL
Input LOW Voltage
——
0.8
V
I
IH
Input HIGH Current
+20
—–250
µA
I
IL
Input LOW Current
——
–600
µA
VCCI = 3.3V ± 5%; VCCO = 1.8V ± 10%; All outputs loaded with 50Ω to GND; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
VOUT ≥ 450mV
500
——
MHz
tpd
Propagation Delay
CLK-to-Q
Note 7
0.8
—
1.3
ns
SEL-to-Q
Note 7
0.8
1.2
1.7
ns
tSKEW
Within-Device Skew
Note 8
——
50
ps
tSKPP
Part-to-Part Skew
Note 9
——
200
ps
Vpp
Minimum Input Swing
Note 10
600
——
mV
LVPECL_CLK
VCMR
Common Mode Range
Note 11
–1.5
—–0.4
V
LVPECL_CLK
tS
OE Set-Up Time
Note 12
1.0
——
ns
tH
OE Hold Time
0.5
——
ns
tr, tf
Output Rise/Fall Time (20% – 80%)
300
—
700
ps
tJITTER
Cycle-to-Cycle Jitter
Note 13
1psRMS
Notes:
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. High-frequency AC-parameters are guaranteed by design and characterization.
7. Differential propagation delay is defined as the delay from the crossing point of the differential input signals to the crossing point of the
differential output signals.
8. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the
same voltage and temperature.
9. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same
voltage and temperature.
10. The VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay.
11. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The
numbers in the table are referenced to VCCI. The VIL level must be such that the peak-to-peak voltage is less than 1.0V and greater than or
equal to VPP(min). The lower end of the CMR range varies 1:1 with VCCI. The VCMR(min) will be fixed at 3.3V – |VCMR(min)|.
12. OE set-up time is defined with respect to the rising edge of the clock. OE HIGH to LOW transition ensures outputs remain disabled during the
next clock cycle. OE LOW-to-HIGH transition enables normal operation of the next input clock.
13. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the
output signal.
AC ELECTRICAL CHARACTERISTICS(6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com