Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXM61P02FTC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXM61P02FTC
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM61P02FTC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXM61P02FTC Datasheet HTML 1Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 2Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 3Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 4Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 5Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 6Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXM61P02F
6
0.1
1
100
1.5
2.5
0.1
1
10
0.2
0.8
1.4
+200
+100
-100
0.1
10
100
-VDS - Drain-Source Voltage (V)
Output Characteristics
100m
1
10
-VGS
3V
VDS=-10V
10
1
10m
-VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
10
1
100m
-ID - Drain Current (A)
On-Resistance v Drain Current
10
1
100m
-VDS - Drain-Source Voltage (V)
Output Characteristics
1.7
1.1
0.5
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
10
1
10m
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=+150°C
T=+25°C
T=+150°C
VGS=-4.5V
T=+25°C
RDS(on)
ID=-0.61A
VGS=VDS
ID=-250uA
VGS(th)
0.4
0.6
1.0
1.2
100m
Vg=-2.5V
Vg=-4.5V
1.5
1.3
0.9
0.7
0
3.5
4.5
100m
10
3.5V
2.5V
2V
5V
4.5V 4V
2V
2.5V
3V
3.5V
-VGS
4V
4.5V
5V
+150°C
+25°C
TYPICAL CHARACTERISTICS
ISSUE
1 - JUNE 2004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com