Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXM61P02FTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXM61P02FTC
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXM61P02FTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXM61P02FTC Datasheet HTML 1Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 2Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 3Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 4Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 5Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 6Page - Diodes Incorporated ZXM61P02FTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM61P02F
SUMMARY
V(BR)DSS=-20V; RDS(ON)=0.60
; ID=-0.9A
DESCRIPTION
This new generation of high density MOSFETs from Zetex utilises a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• SOT23 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Disconnect switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXM61P02FTA
7
8mm embossed
3000 units
ZXM61P02FTC
13
8mm embossed
10000 units
DEVICE MARKING
• P02
Top View
SOT23
1
ISSUE
1 - JUNE 2004


Similar Part No. - ZXM61P02FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM61P02FTC ZETEX-ZXM61P02FTC Datasheet
228Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM61P02FTC ZETEX-ZXM61P02FTC Datasheet
197Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXM61P02FTC VBSEMI-ZXM61P02FTC Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - ZXM61P02FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com