Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2870CFEPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2870CFEPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870CFEPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2870CFEPBF Datasheet HTML 9Page - Linear Technology LTC2870CFEPBF Datasheet HTML 10Page - Linear Technology LTC2870CFEPBF Datasheet HTML 11Page - Linear Technology LTC2870CFEPBF Datasheet HTML 12Page - Linear Technology LTC2870CFEPBF Datasheet HTML 13Page - Linear Technology LTC2870CFEPBF Datasheet HTML 14Page - Linear Technology LTC2870CFEPBF Datasheet HTML 15Page - Linear Technology LTC2870CFEPBF Datasheet HTML 16Page - Linear Technology LTC2870CFEPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC2870/LTC2871
13
28701f
TEST CIRCUITS
Figure 1. RS485 Driver DC Characteristics
Figure 2. RS485 Driver Output Current
Figure 3. RS485 Receiver Input Current and Resistance (Note 5)
Figure 4. RS485 Driver Timing Measurement
28701 F01
DRIVER
DY/DI
GND
OR
VL
Y
RL
RL
Z
VOD
+
–
VOC
+
–
28701 F02
DRIVER
Y OR Z
DY/DI
GND
OR
VL
Z OR Y
VOUT
IOZD485, IOSD485
+
–
28701 F03
RECEIVER
A OR B
B OR A
VIN
IIN485
RIN485 =
VIN
IIN485
+
–
28701 F04
DRIVER
DY/DI
Y
Z
RDIFF
CL
CL
tPLHD485
tSKEWD485
tPLHD485
tRD485
tFD485
90%
0V
VOD
½VOD
VL
0V
DY/DI
Y, Z
Y - Z
10%
90%
0V
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com