Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2870CFEPBF Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2870CFEPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2870CFEPBF Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2870CFEPBF Datasheet HTML 24Page - Linear Technology LTC2870CFEPBF Datasheet HTML 25Page - Linear Technology LTC2870CFEPBF Datasheet HTML 26Page - Linear Technology LTC2870CFEPBF Datasheet HTML 27Page - Linear Technology LTC2870CFEPBF Datasheet HTML 28Page - Linear Technology LTC2870CFEPBF Datasheet HTML 29Page - Linear Technology LTC2870CFEPBF Datasheet HTML 30Page - Linear Technology LTC2870CFEPBF Datasheet HTML 31Page - Linear Technology LTC2870CFEPBF Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTC2870/LTC2871
28
28701f
Figure 40. LTC2871: Various Communication Configurations
Figure 41. LTC2871: More Communication Configurations Using External Connections
TYPICAL APPLICATIONS
28701 F40
LTC2871
1.7V TO VCC
3V TO 5.5V
DX485
RX232
RX485
DX232
TE485
H/F
DIN1
DIN2
Y
DOUT1
DOUT2
Z
A
B
RIN2
RIN1
DI
ROUT1
RO
ROUT2
VL
VL
VCC
GND
RS485
RS232
FULL-DUPLEX
RS485
FULL-DUPLEX
H/F = 0
RS232
FULL-DUPLEX
RS485
HALF-DUPLEX
H/F = 1
RS485
RS485
RS232
RS232
RS232
RS232
CONTROLLER
RS232
RS232
RS485
RS485
CONNECTOR
RS232
RS232
RS485
28701 F41
LTC2871
1.7V TO VCC
3V TO 5.5V
DIN1
DIN2
Y
DOUT1
DOUT2
Z
A
B
RIN2
RIN1
DI
ROUT1
RO
ROUT2
VL
VL
VCC
GND
RS485
RS232
HALF-DUPLEX
RS485
FULL-DUPLEX
H/F = 0
RS232
HALF-DUPLEX
RS485
HALF-DUPLEX
H/F = 1
RS485
RS485
RS232
RS232
RS232
RS232
CONTROLLER
RS485
RS485
CONNECTOR
RS485
DX485
RX232
RX485
DX232
TE485
H/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com