Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXT849K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT849K
Description  30V NPN LOW SATURATION TRANSISTOR IN D-PAK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT849K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT849K Datasheet HTML 1Page - Diodes Incorporated ZXT849K Datasheet HTML 2Page - Diodes Incorporated ZXT849K Datasheet HTML 3Page - Diodes Incorporated ZXT849K Datasheet HTML 4Page - Diodes Incorporated ZXT849K Datasheet HTML 5Page - Diodes Incorporated ZXT849K Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 30V : RSAT = 33m typical; IC = 7A
DESCRIPTION
Packaged in the D-Pak outline this high current high performance 30V NPN
transistor offers low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 7 amps continuous current
• Up to 20 amps peak current
• Low equivalent on resistance
• Low saturation voltages
• Excellent h
FE performance up to 20 amps
APPLICATIONS
• DC - DC converters
• DC - DC modules
• Power switches
• Motor control
• Automotive circuits
DEVICE MARKING
• ZXT849
ZXT849K
ISSUE 2 - DECEMBER 2003
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXT849KTC
13”
16mm
2500 units/reel
ORDERING INFORMATION
PINOUT
TOP VIEW
DPAK


Similar Part No. - ZXT849K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT849K ZETEX-ZXT849K Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
logo
Inchange Semiconductor ...
ZXT849K ISC-ZXT849K Datasheet
302Kb / 3P
isc Silicon NPN Power Transistor
2023-8-18
logo
Zetex Semiconductors
ZXT849KTC ZETEX-ZXT849KTC Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT849K DIODES-ZXT849K_15 Datasheet
146Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
DECEMBER 2003
More results

Similar Description - ZXT849K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXT1053AK ZETEX-ZXT1053AK Datasheet
136Kb / 6P
75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZXT849K ZETEX-ZXT849K Datasheet
136Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXT1053AK DIODES-ZXT1053AK Datasheet
146Kb / 6P
75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXT849K DIODES-ZXT849K_15 Datasheet
146Kb / 6P
30V NPN LOW SATURATION TRANSISTOR IN D-PAK
DECEMBER 2003
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com