Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXTD720MC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTD720MC
Description  DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD720MC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTD720MC Datasheet HTML 1Page - Diodes Incorporated ZXTD720MC Datasheet HTML 2Page - Diodes Incorporated ZXTD720MC Datasheet HTML 3Page - Diodes Incorporated ZXTD720MC Datasheet HTML 4Page - Diodes Incorporated ZXTD720MC Datasheet HTML 5Page - Diodes Incorporated ZXTD720MC Datasheet HTML 6Page - Diodes Incorporated ZXTD720MC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTD720MC
Document Number DS31935 Rev. 2 - 2
4 of 7
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTD720MC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-50
-80
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 3)
V(BR)CEO
-40
-70
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-25
nA
VCB = -16V
Emitter Cutoff Current
IEBO
-
-
-25
nA
VEB = -6V
Collector Emitter Cutoff Current
ICES
-
-
-25
nA
VCES = -10V
Static Forward Current Transfer Ratio (Note 3)
hFE
300
480
-
-
IC = -10mA, VCE = -2V
IC = -100mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -1.5A, VCE = -2V
IC = -3A, VCE = -2V
300
450
-
-
180
290
-
-
60
130
-
-
12
22
-
-
Collector-Emitter Saturation Voltage (Note 3)
VCE(sat)
-
-25
-40
mV
IC =- 0.1A, IB = -10mA
IC = -1A, IB = -50mA
IC = -1.5A, IB = -100mA
IC = -2A, IB = -200mA
IC = -2.5A, IB = -250mA
-
-150
-220
-
-195
-300
-
-210
-300
-
-260
-370
Base-Emitter Turn-On Voltage (Note 3)
VBE(on)
-
-0.89
-0.95
V
IC = -2.5A, VCE = -2V
Base-Emitter Saturation Voltage (Note 3)
VBE(sat)
-
-0.97
-1.05
V
IC = -2.5A, IB = -250mA
Output Capacitance
Cobo
-
19
25
pF
VCB = -10V. f = 1MHz
Transition Frequency
fT
150
190
-
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-on Time
ton
-
40
-
ns
VCC = -15V, IC = -0.75A
IB1 = IB2 = -15mA
Turn-off Time
toff
-
435
-
ns
Notes:
3. Measured under pulsed conditions. Pulse width = 300 µs. Duty cycle
≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com