Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9268GCM/V+
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
8 ______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
10
GPIO1
General-Purpose I/O 1. Open-drain general-purpose input/output with internal 60kI (typ)
pullup resistor to IOVDD. GPIO1 is high impedance during power-up and when PWDN = low.
11
DVDD
3.3V Digital Power Supply. Bypass DVDD to GND with 0.1FF and 0.001FF capacitors as close
as possible to the device with the smaller capacitor closest to DVDD.
12, 22, 38
GND
Digital and I/O Ground
13
RX/SDA
Receive/Serial Data. UART receive or I2C serial-data input/output with internal 30kI (typ)
pullup to IOVDD. In UART mode, RX/SDA is the Rx input of the MAX9268’s UART. In I2C
mode, RX/SDA is the SDA input/output of the MAX9268’s I2C master.
14
TX/SCL
Transmit/Serial Clock. UART transmit or I2C serial-clock output with internal 30kI (typ) pullup
to IOVDD. In UART mode, TX/SCL is the Tx output of the MAX9268’s UART. In I2C mode, TX/
SCL is the SCL output of the MAX9268’s I2C master.
15
PWDN
Power-Down. Active-low power-down input requires external pulldown or pullup resistor.
16
WS
I2S Word-Select Output
17
SCK
I2S Serial-Clock Output
18
SD/CNTL0
I2S Serial-Data/Control Output. Disable I2S to use SD/CNTL0 as an additional control output.
19
CNTL1
Control Output 1. CNTL1 is not active in 3-channel mode and remains low. To use CNTL1,
drive BWS high (4-channel mode) and set DISCNTL = 0. CNTL1 is mapped from DOUT27.
20
CNTL2/MCLK
Control 2/MCLK Output. CNTL2/MCLK is not active in 3-channel mode and remains low.
To use CNTL2/MCLK, drive BWS high (4-channel mode). CNTL2/MCLK is mapped from
DOUT28. CNTL/MCLK can also be used to output MCLK (see the Additional MCLK Output for
Audio Applications section).
21, 39
IOVDD
I/O Supply Voltage. 1.8V to 3.3V logic I/O power supply. Bypass IOVDD to GND with
0.1FF and 0.001FF capacitors as close as possible to the device with the smaller
capacitor closest to IOVDD.
25, 26, 29, 30,
33–36
TXOUT_+,
TXOUT_-
Differential LVDS Data Outputs. Set BWS = low (3-channel mode) to use TXOUT0_ to
TXOUT2_. Set BWS = high (4-channel mode) to use TXOUT0_ to TXOUT3_.
27, 28
TXCLKOUT+,
TXCLKOUT-
Differential LVDS Output for the LVDS Clock
40
ADD0
Address Selection Input 0. Three-level input to select the MAX9268’s device address
(see Table 2). The state of ADD0 latches upon power-up or when resuming from power-down
mode (PWDN = low).
41
ADD1
Address Selection Input 1. Three-level input to select the MAX9268’s device address
(see Table 2). The state of ADD1 latches upon power-up or when resuming from power-down
mode (PWDN = low).
42
LOCK
Open-Drain Lock Output with Internal 60kI (typ) Pullup to IOVDD. LOCK = high indicates
PLLs are locked with correct serial-word-boundary alignment. LOCK = low indicates PLLs are
not locked or incorrect serial-word-boundary alignment. LOCK remains low when the
configuration link is active. LOCK is high impedance when PWDN = low.
43
ERR
Active-Low, Open-Drain Video Data Error Output with Internal 60kI (typ) Pullup to IOVDD.
ERR goes low when the number of decoding errors during normal operation exceeds a pro-
grammed error threshold, or when at least one PRBS error is detected during PRBS test. ERR
is high impendence when PWDN = low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com