Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX9268GCM/V+ Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX9268GCM/V+
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+ Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+ Datasheet HTML 27Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 28Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 29Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 30Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 31Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 32Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 33Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 34Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 35Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
32 _____________________________________________________________________________________
Table 12. Register Table (see Table 1) (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x06
D7
—
0
Reserved
0
D6
AUTORST
0
Do not automatically reset error registers and outputs
0
1
Automatically reset error registers and outputs
D5
DISINT
0
Enable interrupt transmission to serializer
0
1
Disable Interrupt transmission to serializer
D4
INT
0
INT input = low (read only)
0
(read only)
1
INT input = high (read only)
D3
GPIO1OUT
0
Output low to GPIO1
1
1
Output high to GPIO1
D2
GPIO1
0
GPIO1 is low
1
(read only)
1
GPIO1 is high
D1
GPIO0OUT
0
Output low to GPIO0
1
1
Output high to GPIO0
D0
GPIO0
0
GPIO0 is low
1
(read only)
1
GPIO0 is high
0x07
D[7:0]
—
01010100
Reserved
01010100
0x08
D[7:0]
—
00110000
Reserved
00110000
0x09
D[7:0]
—
11001000
Reserved
11001000
0x0A
D[7:0]
—
00010010
Reserved
00010010
0x0B
D[7:0]
—
00100000
Reserved
00100000
0x0C
D[7:0]
ERRTHR
XXXXXXXX
Error threshold for decoding errors. ERR = low when
DECERR > ERRTHR.
00000000
0x0D
D[7:0]
DECERR
XXXXXXXX
Decoding error counter. This counter remains zero while
the device is in PRBS test mode.
00000000
(read only)
0x0E
D[7:0]
PRBSERR
XXXXXXXX
PRBS error counter
00000000
(read only)
0x12
D7
MCLKSRC
0
MCLK derived from PCLK (see Table 5)
0
1
MCLK derived from internal oscillator
D[6:0]
MCLKDIV
0000000
MCLK disabled
0000000
XXXXXXX
MCLK divider
0x13
D[7:5]
—
XXX
Reserved
(read only)
D[4:0]
—
10000
Reserved
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com