| Electronic Components Datasheet Search |
|
PC33892PNC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC33892PNC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 28 page ![]() MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA 33892 25 PACKAGE DIMENSIONS M M DETAIL G VIEW A VIEW M M PIN 1 INDEX AREA 0.1 C 2X C 0.1 2X A B 10 10 5 10 11 13 14 24 22 21 5 17 18 19 20 PIN NUMBER REF. ONLY 21 PIN NUMBER REF. ONLY 12 10 24 22 11 13 15 16 14 20 19 18 17 3.0 2.7 4.45 4.05 2.45 2.05 0.1 A CB 0.1 A CB 1.43 0.93 2X 1.3 0.8 2X (0.25) (0.75) 2.2 1.8 2X 0.1 A CB 9.70 9.30 0.1 A CB 0.1 A CB 7.2 6.8 (1.25) (0.1) (0.25) 0.5 2.525 (0.25) (0.25) 2.3 1.8 2X 4.95 4.65 0.1 A CB 2X 0.65 1.375 3.2 5.85 21 1.65 1.35 2X 0.1 A CB (0.25) NOTES: 1. 2. 3. 4. 5. 6. ALL DIMENSIONS ARE IN MILLIMETERS. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. THE COMPLETE JEDEC DESIGNATOR FOR THIS PACKAGE IS: HF-PQFP-N. COPLANARITY APPLIES TO LEADS AND CORNER LEADS. METAL PADS CONNECTED TO THE GND. MINIMUM METAL GAP SHOULD BE 0.25MM. PNC SUFFIX 24-TERMINAL POWER QFN NON-LEADED PACKAGE CASE 1558-02 ISSUE A SHEET 1 OF 2 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |